Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS646 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALS646
Description  Transceiver/register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS646 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS646 Datasheet HTML 4Page - NXP Semiconductors 74ALS646 Datasheet HTML 5Page - NXP Semiconductors 74ALS646 Datasheet HTML 6Page - NXP Semiconductors 74ALS646 Datasheet HTML 7Page - NXP Semiconductors 74ALS646 Datasheet HTML 8Page - NXP Semiconductors 74ALS646 Datasheet HTML 9Page - NXP Semiconductors 74ALS646 Datasheet HTML 10Page - NXP Semiconductors 74ALS646 Datasheet HTML 11Page - NXP Semiconductors 74ALS646 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
74ALS646/74ALS646-1
74ALS648/74ALS648-1
Transceiver/register
1991 Feb 08
8
AC ELECTRICAL CHARACTERISTICS FOR 74ALS648/74ALS648-1
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
100
MHz
tPLH
tPHL
Propagation delay
CPBA to An, CPAB to Bn
Waveform 1
5.0
6.0
13.0
13.0
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform 2, 3
1.0
3.0
7.0
9.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B Low)
Waveform 2, 3
5.0
5.0
13.0
11.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B High)
Waveform 2, 3
4.0
5.0
11.0
11.0
ns
tPZH
tPZL
Output enable time
OE to An or Bn
Waveform 5
Waveform 6
2.0
4.0
8.0
13.0
ns
tPHZ
tPLZ
Output disable time
OE to An or Bn
Waveform 5
Waveform 6
1.0
2.0
8.0
10.0
ns
tPZH
tPZL
Output enable time
DIR to An or Bn
Waveform 5
Waveform 6
3.0
5.0
10.0
12.0
ns
tPHZ
tPLZ
Output disable time
DIR to An or Bn
Waveform 5
Waveform 6
2.0
2.0
11.0
11.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
tsu (H)
tsu (L)
Setup time, High or Low
An or Bn to CPAB or CPBA
Waveform 4
5.0
5.0
ns
th (H)
th (L)
Hold time, High or Low
An or Bn to CPAB or CPBA
Waveform 4
0.0
1.0
ns
tw (H)
tw (L)
Pulse width, High or Low
CPAB or CPBA
Waveform 1
6.0
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com