Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5366
Description  1.8V Optical mouse sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5366 Datasheet HTML 1Page - STMicroelectronics VT5366 Datasheet HTML 2Page - STMicroelectronics VT5366 Datasheet HTML 3Page - STMicroelectronics VT5366 Datasheet HTML 4Page - STMicroelectronics VT5366 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2006
Rev 2
1/5
5
VT5366
1.8V Optical mouse sensor
Feature summary
■ Pin compatible with VT5364
■ Can be used (with external MCU) in all optical
mouse applications
■ Single +1.8V supply
■ Very low power operation, enabling long
battery life
■ CPI programmable up to 3200 (default 800 cpi)
■ Up to 9,600 frames per second
■ Tracking at up to 40 ips
■ I2C Interface
■ On-chip ADC for voltage level reporting
■ Proven, high volume package technology -
smallest package currently available on market
■ Minimal external circuitry
■ Suitable for use with both LED and laser
(VCSEL) light sources
Description
The VT5366 has been designed for pin to pin
compatibilty
with
the
VT5364(a)
and
is
STMicroelectronics first generally available chip
for use in all optical mice applications (USB/PS2,
Wireless - 27MHz/2.4GHz and BlueTooth). The
device has been designed to provide long battery
life whilst enabling excellent navigation control
and precision on a wide range of surfaces.
Housed in the smallest, currently available,
package (7mmx7mm), the chip is suitable for use
in small form-factor mice demanded by laptop
users. Minimal external circuitry is required
thereby reducing BOM and assembly costs.
The VT5366 sensor operates over a wide range of
illuminant wavelengths. For devices operating at
approximatively 850 nm (IR LED or VCSEL), the
on-die
automatic
exposure
controller
(AEC)
compensates
for
the
change
in
sensitivity
compared
to
640nm
(red
LED).
Motion
performance can be improved by increasing the
current supplied to the navigation LED.
Applications
■ USB/PS2, Wireless & BlueTooth Optical
Mouse
Technical specifications
Order codes
a.
To make use of the new battery level function the PCB
and firmware will need to be modified
Resolution
CPI programmable up to
3200. Default 800
Pixel size
30.4 µm
Array size
20*20 pixels
Frame rate
Up to 9,600 frames/second
High speed motion
detector
Accurate motion up to 40 ips
Clock
6MHz
Supply voltage
1.8V
Supply current
Run (9.6 Kfps) - 9 mA
Power down - 10 µA
typ. excluding LED
Operating temperature
[0: 60] °C
Package type
7*7mm 32 lead LOQFP
(Low profile Optical Quad
Flat Pack)
Part number
Package
VT5366V032
32-lead LOQFP
www.st.com


Similar Part No. - VT5366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5366 STMICROELECTRONICS-VT5366 Datasheet
527Kb / 30P
1.8V optical mouse sensor
19-Dec-2006
VT5366V032 STMICROELECTRONICS-VT5366V032 Datasheet
527Kb / 30P
1.8V optical mouse sensor
19-Dec-2006
VT5366 STMICROELECTRONICS-VT5366_06 Datasheet
527Kb / 30P
1.8V optical mouse sensor
19-Dec-2006
More results

Similar Description - VT5366

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
logo
STMicroelectronics
VT5366 STMICROELECTRONICS-VT5366_06 Datasheet
527Kb / 30P
1.8V optical mouse sensor
19-Dec-2006
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
ADNS-2610 BOARDCOM-ADNS-2610 Datasheet
569Kb / 27P
Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com