Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS74AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALS74AD
Description  Dual D-type flip-flop with set and reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS74AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALS74AD Datasheet HTML 1Page - NXP Semiconductors 74ALS74AD Datasheet HTML 2Page - NXP Semiconductors 74ALS74AD Datasheet HTML 3Page - NXP Semiconductors 74ALS74AD Datasheet HTML 4Page - NXP Semiconductors 74ALS74AD Datasheet HTML 5Page - NXP Semiconductors 74ALS74AD Datasheet HTML 6Page - NXP Semiconductors 74ALS74AD Datasheet HTML 7Page - NXP Semiconductors 74ALS74AD Datasheet HTML 8Page - NXP Semiconductors 74ALS74AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ALS74A
Dual D-type flip-flop with set and reset
1996 Jul 01
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
VCC = ±10%,
VIL = MAX, VIH = MIN
IOH = MAX
VCC – 2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 4mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 8mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
I
Input current at maximum input
Dn, CPn
VCC = MAX V =7 0V
0.1
mA
II
voltage
SDn, RDn
VCC = MAX, VI = 7.0V
0.2
mA
I
High level input current
Dn, CPn
VCC = MAX V =2 7V
20
µA
IIH
High–level input current
SDn, RDn
VCC = MAX, VI = 2.7V
40
µA
I
Low level input current
Dn, CPn
VCC = MAX V =0 4V
–0.2
mA
IIL
Low–level input current
SDn, RDn
VCC = MAX, VI = 0.4V
–0.4
mA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICC
Supply current (total)4
VCC = MAX
3.0
4.0
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximates one half of the true short–circuit output current, IOS.
4. Measure ICC with the Dn, CPn, and SDn grounded, then with Dn, CPn, and RDn grounded.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
80
MHz
tPLH
tPHL
Propagation delay
CPn to Qn or Qn
Waveform 1
3.0
3.0
14.0
14.0
ns
tPLH
tPHL
Propagation delay
SDn or RD to Qn or Qn
Waveform 2, 3
1.0
3.0
8.0
10.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu (H)
tsu (L)
Setup time, High or Low
Dn to CPn
Waveform 1
6.0
6.0
ns
th (H)
th (L)
Hold time, High or Low
Dn to CPn
Waveform 1
0.0
0.0
ns
tw (H)
tw (L)
CPn Pulse width
High or Low
Waveform 1
6.0
6.0
ns
tw (L)
SDn or RDn Pulse width, Low
Waveform 2, 3
6.0
ns
trec
Recovery time, SDn or RDn to CPn
Waveform 2, 3
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com