Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS74ADB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS74ADB
Description  Dual D-type flip-flop with set and reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS74ADB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS74ADB Datasheet HTML 1Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 2Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 3Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 4Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 5Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 6Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 7Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 8Page - NXP Semiconductors 74ALS74ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALS74A
Dual D-type flip-flop with set and reset
2
1996 Jul 01
853–1278 01670
DESCRIPTION
The 74ALS74 is a dual positive edge-triggered D-type flip-flop
featuring individual data, clock, set, and reset inputs; also true and
complementary outputs. Set (SD) and reset (RD) are asynchronous
active-Low inputs and operate independently of the clock input.
When set and reset are inactive (High), data at the D input is
transferred to the Q and Q outputs on the Low-to-High transition of
the clock. Data must be stable just one setup time prior to the
Low-to-High transition of the clock for predictable operation. Clock
triggering occurs at a voltage level and is not directly related to the
transition time of the positive-going pulse. Following the hold time
interval, data at the D input may be changed without affecting the
levels of the output.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS74A
150MHz
3.0mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
14-pin plastic DIP
74ALS74AN
SOT27-1
14-pin plastic SO
74ALS74AD
SOT108-1
14-pin plastic SSOP
Type II
74ALS74ADB
SOT337-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
SD1
Q1
Q1
CP1
RD1
D1
RD0
D0
Q0
CP0
SD0
Q0
SF00045
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0, D1
Data inputs
1.0/2.0
20
µA/0.2mA
CP0, CP1
Clock inputs (active rising edge)
1.0/2.0
20
µA/0.2mA
SD0, SD1
Set inputs (active-Low)
2.0/4.0
40
µA/0.4mA
RD0, RD1
Reset inputs (active-Low)
2.0/4.0
40
µA/0.4mA
Q0, Q1, Q0, Q1
Data outputs
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
Q0 Q0 Q1 Q1
56
98
VCC = Pin 14
GND = Pin 7
3
4
1
11
10
13
CP0
SD0
RD0
CP1
SD1
RD1
D0
D1
212
SF00046
IEC/IEEE SYMBOL
4
3
2
1
10
11
12
13
5
6
9
8
&
S
S
C1
C2
R
1D
2D
R
SF00047



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com