Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CGS
Description  Computer Grade Aluminum Electrolytic Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CGS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CGS Datasheet HTML 1Page - List of Unclassifed Manufacturers CGS Datasheet HTML 2Page - List of Unclassifed Manufacturers CGS Datasheet HTML 3Page - List of Unclassifed Manufacturers CGS Datasheet HTML 4Page - List of Unclassifed Manufacturers CGS Datasheet HTML 5Page - List of Unclassifed Manufacturers CGS Datasheet HTML 6Page - List of Unclassifed Manufacturers CGS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS Computer Grade Aluminum Electrolytic Capacitor
Ratings
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS
(Inches) (Inches)
200 WVdc ( 250 Vdc Surge )
14,000 CGS143T200X5L
0.015
16.1
3
5.625
16,000 CGS163T200X5C
0.015
15.6
3
5.125
18,000 CGS183T200X5L
0.012
18.4
3
5.625
18,000 CGS183T200X5L
0.016
15.9
3
5.625
19,000 CGS193T200X5R
0.011
19.1
3
5.875
25,000 CGS253T200X8L
0.015
19.9
3
8.625
30,000 CGS303T200X8L
0.011
22.7
3
8.625
250 WVdc ( 300 Vdc Surge )
200 CGS201T250R2C
0.241
1.7
1.375
2.125
250 CGS251T250R2C
0.278
1.6
1.375
2.125
470 CGS471T250R3C
0.439
1.5
1.375
3.125
550 CGS551T250R4C
0.098
3.6
1.375
4.125
620 CGS621T250R2C
0.137
2.3
1.375
2.125
720 CGS721T250R4C
0.110
3.4
1.375
4.125
900 CGS901T250R2L
0.095
3.0
1.375
2.625
1,000 CGS102T250R5L
0.078
4.6
1.375
5.625
1,200 CGS122T250R3C
0.073
3.7
1.375
3.125
1,200 CGS122T250V3C
0.080
4.4
2.000
3.125
1,700 CGS172T250R4C
0.050
5.0
1.375
4.125
1,700 CGS172T250V2L
0.070
4.4
2.000
2.625
1,700 CGS172T250V4C
0.057
5.8
2.000
4.125
1,900 CGS192T250V5L
0.105
4.9
2.000
5.625
1,900 CGS192T250W4C 0.078
6.6
2.500
4.125
2,500 CGS252T250V5L
0.041
7.8
2.000
5.625
2,600 CGS262T250R5L
0.035
6.9
1.375
5.625
2,800 CGS282T250V4C
0.046
6.5
2.000
4.125
2,900 CGS292T250V3L
0.041
6.5
2.000
3.625
2,900 CGS292T250W4L 0.043
8.0
2.500
4.625
2,900 CGS292T250X4C
0.050
8.0
3.000
4.125
3,100 CGS312T250U4C
0.030
7.3
1.750
4.125
3,700 CGS372T250V4C
0.027
8.4
2.000
4.125
4,100 CGS412T250V4L
0.029
8.5
2.000
4.625
4,100 CGS412T250V5L
0.021
10.7
2.000
5.625
4,200 CGS422T250W5L 0.023
11.9
2.500
5.625
5,600 CGS562T250V5L
0.019
11.3
2.000
5.625
6,000 CGS602T250V5L
0.022
10.1
2.000
5.625
6,000 CGS602T250W4C 0.022
10.6
2.500
4.125
6,000 CGS602T250X5L
0.047
9.2
3.000
5.625
7,200 CGS722T250X4C
0.023
11.7
3.000
4.125
7,400 CGS742T250X3L
0.026
10.5
3.000
3.625
9,000 CGS902T250W5L 0.016
10.4
2.500
5.625
9,200 CGS922T250W5L 0.015
14.6
2.500
5.625
10,000 CGS103T250X4L
0.020
13.0
3.000
4.625
10,000 CGS103T250X5L
0.016
15.6
3.000
5.625
12,000 CGS123T250X5C
0.017
14.6
3.000
5.125
13,000 CGS133T250X5L
0.017
14.0
3.000
5.625
14,000 CGS143T250X5L
0.013
17.3
3.000
5.625
15,000 CGS153T250X5R
0.013
17.9
3.000
5.875
19,000 CGS193T250X8L
0.016
18.8
3.000
8.625
22,000 CGS223T250X8L
0.010
23.8
3.000
8.625
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
400 WVdc ( 450 Vdc Surge )
1,700 CGS172T400V4C
0.060
5.7
2.0
4.125
2,600 CGS262T400V5L
0.040
7.8
2.0
5.625
2,800 CGS282T400W4C
0.042
7.8
2.5
4.125
4,200 CGS422T400W5L
0.035
9.6
3.0
4.125
4,300 CGS432T400W5L
0.028
10.8
2.5
5.625
5,700 CGS572T400X5C
0.026
11.9
3.0
5.125
6,400 CGS642T400X5L
0.024
13.0
3.0
5.625
7,000 CGS702T400X5R
0.022
13.5
3.0
5.875
11,000 CGS113T400X8L
0.015
19.8
3.0
8.265
450 WVdc ( 525 Vdc Surge )
75 CGS750T450R2C
0.835
0.9
1.375
2.125
100 CGS101T450R2C
0.737
1.0
1.375
2.125
140 CGS141T450R3C
0.496
1.4
1.375
3.125
170 CGS171T450R3C
0.456
1.5
1.375
3.125
210 CGS211T450R4C
0.332
1.9
1.375
4.125
240 CGS241T450R2C
0.416
1.3
1.375
2.125
250 CGS251T450R4C
0.308
2.0
1.375
4.125
320 CGS321T450V3C
0.253
2.5
2.000
3.125
350 CGS351T450R2L
0.288
1.7
1.375
2.625
350 CGS351T450R5C
0.226
3.2
1.375
5.125
400 CGS401T450R5L
0.198
2.9
1.375
5.625
450 CGS451T450V3C
0.188
2.9
2.000
3.125
460 CGS461T450R3C
0.221
2.1
1.375
3.125
480 CGS481T450V4C
0.171
3.4
2.000
4.125
620 CGS621T450V2L
0.201
2.6
2.000
2.625
650 CGS651T450V4C
0.154
3.7
2.000
4.125
680 CGS681T450R4C
0.151
2.9
1.375
4.125
800 CGS801T450V4L
0.108
4.4
2.000
4.625
930 CGS931T450V3C
0.116
3.7
2.000
3.125
970 CGS971T450V4C
0.096
4.5
2.000
4.125
1,000 CGS102T450R5L
0.103
4.0
1.375
5.625
1,000 CGS102T450V3L
0.100
4.1
2.000
3.625
1,000 CGS102T450W4C
0.082
5.5
2.500
4.125
1,100 CGS112T450U4C
0.094
4.1
1.750
4.125
1,100 CGS112T450X4C
0.076
6.5
3.000
4.125
1,400 CGS142T450V4C
0.076
5.0
2.000
4.125
1,400 CGS142T450V4L
0.069
5.5
2.000
4.625
1,400 CGS142T450V5L
0.059
6.5
2.000
5.625
1,400 CGS142T450W5C
0.060
7.1
2.500
5.125
1,500 CGS152T450X4C
0.059
7.4
3.000
4.125
1,500 CGS152T450X5C
0.057
8.1
3.000
5.125
1,700 CGS172T450W3L
0.063
6.0
2.500
3.625
1,800 CGS182T450V5L
0.054
5.4
2.000
5.625
1,800 CGS182T450X5R
0.048
9.3
3.000
5.875
1,900 CGS192T450X5L
0.052
7.6
3.000
5.625
2,000 CGS202T450X5C
0.045
9.1
3.000
5.125
2,200 CGS222T450V5L
0.051
6.9
2.000
5.625
2,200 CGS222T450X4C
0.045
8.4
3.000
4.125
2,300 CGS232T450W4C
0.052
7.0
2.500
4.125
2,400 CGS242T450W4C
0.048
7.2
2.500
4.125
2,400 CGS242T450W4L
0.055
7.1
2.500
4.625
2,400 CGS242T450X5L
0.038
10.3
3.000
5.625



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com