Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10EB3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10EB3
Description  General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10EB3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10EB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10EB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Libertyville, IL (847) 680-7400
B
14
General Purpose RFI Power Line Filters
General Purpose for High Impedance
Loads at Low Cost
UL Recognized
CSA Certified
VDE Approved
SEV Approved*
B Series
The B series RFI power line filters are general purpose
common-mode filters effectively providing RFI control
of line-to-ground noise in a small size at low cost.
These filters are designed to meet a wide variety of
electronic and electrical applications and are available
in a broad selection of current ratings and termination
styles. The EB models meet the very low leakage current
requirements of SEV, VDE portable equipment,
and (120 Volt) UL544 nonpatient medical equipment.
Electrical Schematic
Specifications
VB Models
EB Models
Maximum leakage current,
each line-to-ground
@ 120 VAC 60 Hz:
.4 mA
.21 mA
@ 250 VAC 50 Hz:
.7 mA
.36 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage:
120/250 VAC
Rated current:
@ 120 VAC
@ 250 VAC
1VB/1EB
1A
1A
2VB/2EB
2A
2A
3VB/3EB
3A
3A
5VB/5EB
5A
5A
10VB/10EB
10A
8A
10VB6
10A
8A
20VB/20EB
20A
16A
30VB6
30A
25A
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Rating
.15 .5
1
5
10 30
VB Models
1A, 3A
15 30 38
50 50 50
2A, 5A, 10A, 20A, 30A
7 20 25
40 45 48
EB Models
1A, 3A
15 29 35
45 45 48
2A, 5A, 10A, 20A
7 19 23
34 37 42
*EB models only.
Resistor location for reference only.
VB1/EB1
VB3/EB3
Frequency–MHz
B Series
10VB6/20VB6


Similar Part No. - 10EB3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10EB3 MACOM-10EB3 Datasheet
224Kb / 3P
General Purpose RFI Filters for High Impedance Loads at Low Current
More results

Similar Description - 10EB3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
2-line filters for general-purpose applications
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
1VK1 MACOM-1VK1 Datasheet
481Kb / 4P
General Purpose RFI Power Line Filters-Ideal for High Impedance Load
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
Two-Stage General Purpose RFI Power Line Filter
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
1VB1 MACOM-1VB1 Datasheet
224Kb / 3P
General Purpose RFI Filters for High Impedance Loads at Low Current
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com