Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS10
Description  CS10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS10 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS10
(2,000pcs/reel)
FEATURES:
Being of the small and slim size SMD type and featuring high
efficiency in mounting, the CS 10 is ideal for application to high-
density circuit boards.
Excellent environmental and heat-resisting characteristics have been
gained, due to the use of the highly reliable ceramic package.
Enables automatic mounting, due to the adoption of the emboss taping
packaging.
APPLICATIONS:
Can be used for a wide range of applications including use in
communication equipment, AV equipment, OA equipment and
measuring instruments as well as high density, cellular phone designs.
STANDARD SPECIFICATIONS
Item
CS10
Conditions
Nominal frequency
f0
12.5MHz to 50.0MHz (fundamental)
Please contact us for changes
in frequency.
Frequency tolerance
delta
f/f0
± 30ppm or ± 50ppm
Reference temperature
Frequency
vs.Temperature
Characteristics
delta
f/f0
± 50ppm or (±30ppm)
-10°C to +60°C
Operating temperature
range
Torp
-40°C to +85°C
Storage temperature
range
Tstg
-55°C to +125°C
Equivalent series
resistance
R1
50 ohm MAX.
Load capacitance
CL
16pF TYP.
Please specify
Shunt capacitance
C0
7.0pF MAX.
Drive level
DL
50 µ W
Insulation resistance
IR
500M ohm MIN.
DC 100 ±15V
Aging (First year)
delta
f/f0
± 5ppm MAX.
25°C ± 3°C
Sealing
1 x 10-2 µ Pa·m3 /s MAX.
Shock resistance
± 5ppm MAX.
Drop test of 3 times on a hard board from 75cm height
or shock test of 3000G x 0.3ms x 1/2sin wave x 3
directions
Condition will vary
depending on the frequency.
FREQUENCY vs TEMPERATURE CURVE
Page 1 of 2
Citizen Crystals and Oscillators - CS10
4/2/2003
http://www.citizencrystal.com/quartz/crystals/cs10_d.htm


Similar Part No. - CS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC2-CS10 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS10 ETC-CS10 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
CITIZEN ELECTRONICS CO....
CS10 CITIZEN-CS10 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
logo
Campbell Scientific Uni...
CS10 CAMPBELL-CS10 Datasheet
60Kb / 2P
Current Transformer
August 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com