Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD2425 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSD2425
Description  10-90Amp 120/240 Vac AC OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD2425 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSD2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD2425 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FastFax Document No.162
© 2001 CRYDOM CORP, Specifications subject to change without notice.
SERIES CS.
Rev. 012402
PAGE 3 OF 3
Series CS
10-90Amp • 120/240 Vac • AC OUTPUT
12
8
4
0
24
8
10
6
20406080
Load Current [Arms]
Max Ambient Temp. [˚C]
110
115
120
10A
5˚C/W
3˚C/W
7˚C/W
NO HEATSINK
9˚C/W
CURRENT DERATING CURVES
30
20
10
25
15
5
0
510
20
25
15
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
95
120
25A
1˚C/W
100
110
3˚C/W
NO HEATSINK
60
40
20
0
10
20
40
50
30
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
90
50A
2˚C/W
1˚C/W
.5˚C/W
100
110
120
1.5˚C/W
NO HEATSINK
120
80
40
0
15
30
60
75
45
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
100
110
120
75A
.5˚C/W
95
1˚C/W
120
80
40
0
20
40
80
0
60
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [˚C]
100
110
120
90A
1ºC/W
.4˚C/W
.2˚C/W
90
.5˚C/W
2˚C/W
.3˚C/W
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com