Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD2450 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSD2450
Description  10-90Amp 120/240 Vac AC OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSD2450 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSD2450 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD2450 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD2450 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL NUMBERS
CSD2410
CSD2425
CSD2450
CSD2475
CSD2490
CSE2410
CSE2425
CSE2450
CSE2475
CSE2490
OUTPUT SPECIFICATIONS
➀
Operating Voltage (47-63 Hz) [Vrms]
24-280
24-280
24-280
24-280
24-280
Load Current Range ➂ [Arms]
0.15-10
0.15-25
0.15-50
0.25-75
0.25-90
Transient Overvoltage [Vpk]
600
600
600
600
600
Max. Surge Current, (16.6ms) [Apk]
120
250
625
1000
1200
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
➀
➀
Thermal Resistance Junction to Case (R
) [˚C/W]
θJC
1.48
1.02
0.63
0.31
0.28
Maximum I 2 t for Fusing, (8.3 msec.) [A 2sec]
60
260
1620
4150
6000
Max. Off-State Leakage Current @ Rated Voltage [mA]
1.0
1.0
1.0
1.0
1.0
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]
➁
500
500
500
500
500
Max. Turn-On Time
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
Max. Turn-Off Time
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
1/2 Cycle
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS
DC CONTROL
DC CONTROL
(CSD PREFIX)
(CSE PREFIX)
Control Voltage Range
3.5-15 Vdc
15-32 Vdc
Max. Turn-On Voltage
3.5 Vdc
15.0 Vdc
Min. Turn-Off Voltage
1.0 Vdc
1.0 Vdc
Nominal Input Impedence
300 Ohm
2k Ohm
Typical Input Current
15 mA @ 5 Vdc
7mA @ 15 V
➀ All parameters at 25ºC unless otherwise specified.
➁ Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
➂ Heat sinking required, for derating curves see page 2.
•
•
•
• Zer
FastFax Document No.162
➀
•
•
•
• Zer
•
•
•
• Zer
GENERAL NOTES
• Low Leakage
• SCR Output
• Panel Mount
• Zero Voltage Switching
SERIES CS.
Rev. 012402
PAGE 1 OF 3
The Series CS has an SCR AC switch
output featuring low off-state leakage
(1mA, snubberless), zero-voltage
switching and a broadened operating
range (24-280Vac). This wide range
permits optimum performance at both
120Vac and 240Vac line voltages.
Manufactured in Crydom’s ISO 9001
Certified facility for optimum product
performance and reliability.
© 2001 CRYDOM CORP, Specifications subject to change without notice.
Series CS
10-90Amp • 120/240 Vac • AC OUTPUT
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - CSD2450

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CSD2450 CRYDOM-CSD2450 Datasheet
621Kb / 5P
Panel Mount
More results

Similar Description - CSD2450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
25-40Amp 120/240, 480 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
5Amp 120/240, 380, 480 Vac AC Output SIP
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
2-3.5 Amps 120/240 Vac AC Output SIP
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
5-18Amp 120/240, 480 Vac AC Output
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
50-90Amp 480 Vac AC Output
HA4812 ETC1-HA4812 Datasheet
46Kb / 3P
12-90Amp 480 Vac AC Output
S218 ETC1-S218 Datasheet
23Kb / 1P
8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
3 Amp 120, 240 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
20Amp 120/240 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
120/240, 480 Vac / AC Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com