Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLD2425 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DLD2425
Description  Time Delay Relay 10-50 Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DLD2425 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DLD2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLD2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• DC Control, AC Output
• External Adjustment
• Industry Standard Package
• Zero Voltage Turn-On
• Panel Mount
FastFax Document No. 201
DSD,DLD.
Rev.021302
PAGE 1 OF 2
These “on-operate” (pull-in) time-delay
solid state relays are housed in a single
industry standard package. AC output
is controlled by a DC input and has an
externally
adjustable
time
delay.
Choices include models with two time-
delay ranges.
Manufactured in Crydom''s ISO 9001
Certified facility for optimum product
performance and reliability.
Series DSD, DLD
Time Delay Relay • 10-50 Amp
MODEL NUMBERS
DSD2410
DSD2425
DSD2450
DLD2410
DLD2425
DLD2450
OUTPUT SPECIFICATIONS➀
Operating Voltage Range (47-63 Hz) [Vrms]
48-280
48-280
48-280
48-280
48-280
48-280
Load Current Range ➂ [Arms]
.04-10
.04-25
.04-50
.04-10
.04-25
.04-50
Transient Overvoltage [Vpk]
600
600
600
600
600
600
Max. Surge Current, (16.6ms) [Apk]
120
250
625
120
250
625
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case [RθJC]
1.48
1.02
0.63
1.48
1.02
0.63
Maximum I 2 t for Fusing, (8.3 msec.) [A 2sec]
60
260
1620
60
260
1620
Max. Off-State Leakage Current @ Rated Voltage [mArms]
10
10
10
10
10
10
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec] ➁
500
500
500
500
500
500
Max. Turn-On Time ➃
Adjustable, See Table
Max. Turn-Off Time
1/2 cycle
1/2 cycle
1/2 cycle
1/2 cycle
1/2 cycle
1/2 cycle
Max. Reset Time [µsec] ➄
100
100
100
100
100
100
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
0.5
0.5
0.5
INPUT SPECIFICATIONS ➀
DC CONTROL
Control Voltage Range
3.5-15Vdc
Max. Turn-On Voltage
3.5 Vdc
Min. Turn-Off Voltage
1.0 Vdc
Min. Input Impedance
1500Ohms
Typical Input Current
3.4mA @ 5 Vdc, 11.4mA @ 15Vdc
GENERAL NOTES
➀ All parameters at 25˚C unless otherwise specified.
➁ Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
➂ Heat sinking required, for derating curves see page 2.
➃ Timing Resistor may be as high as 10M Ohm with performance dependent on resistor quality.
➄ Before and after time-out.
TYPICAL TURN-ON DELAY ➀
RESISTOR
TIME (DSD)
TIME (DLD)
O (Short)
0.10 sec
1.6 sec
10K
Ω
0.19 sec
3.1 sec
100K
Ω
0.94 sec
15 sec
470K
Ω
4.0 sec
64 sec
1.0M
Ω ➃
8.3 sec
133 sec
© 2002 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - DLD2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DLD2425 CRYDOM-DLD2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
DLD2425 CRYDOM-DLD2425 Datasheet
653Kb / 5P
Control Relays
More results

Similar Description - DLD2425

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
48K MACOM-48K Datasheet
198Kb / 1P
Programmable Time Delay Relay
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
CL-CU MACOM-CL-CU Datasheet
51Kb / 2P
Compact Time Delay Relay
CRB-48-70010 MACOM-CRB-48-70010 Datasheet
32Kb / 1P
Recycle Time Delay Relay
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com