Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4152F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TPD4152F
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4152F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TPD4152F Datasheet HTML 9Page - Toshiba Semiconductor TPD4152F Datasheet HTML 10Page - Toshiba Semiconductor TPD4152F Datasheet HTML 11Page - Toshiba Semiconductor TPD4152F Datasheet HTML 12Page - Toshiba Semiconductor TPD4152F Datasheet HTML 13Page - Toshiba Semiconductor TPD4152F Datasheet HTML 14Page - Toshiba Semiconductor TPD4152F Datasheet HTML 15Page - Toshiba Semiconductor TPD4152F Datasheet HTML 16Page - Toshiba Semiconductor TPD4152F Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TPD4152F
2016-03-28
13
Description of Bootstrap Capacitor Charging and Its Capacitance
The IC uses bootstrapping for the power supply for high-side drivers.
The bootstrap capacitor is charged by turning on the low-side IGBT of the same arm (approximately 1/5 of PWM
cycle) while the high-side IGBT controlled by PWM is off. (For example, to drive at 20 kHz, it takes approximately 10
μs per cycle to charge the capacitor.) When the VS
voltage exceeds 3.8 V (55 % duty), the low-side IGBT is
continuously in the off state. This is because when the PWM on-duty becomes larger, the arm is short-circuited while
the low-side IGBT is on. Even in this state, because PWM control is being performed on the high-side IGBT, the
regenerative current of the diode flows to the low-side FRD of the same arm, and the bootstrap capacitor is charged.
Note that when the on-duty is 100 %, diode regenerative current does not flow; thus, the bootstrap capacitor is not
charged.
When driving a motor at 100 % duty cycle, take the voltage drop at 100 % duty (see the figure below) into
consideration to determine the capacitance of the bootstrap capacitor.
Capacitance of the bootstrap capacitor = Current dissipation (max) of the high-side driver × Maximum drive time
/(VCC − VF (BSD) + VF (FRD) − 13.5) [F]
VF (BSD) : Bootstrap diode forward voltage
VF (FRD) : First recovery diode forward voltage
Consideration must be made for aging and temperature change of the capacitor.
VS Range
IGBT Operation
A
Both high and low-side OFF.
B
Charging range. Low-side IGBT refreshing on the phase the high-side IGBT in PWM.
C
No charging range. High-side at PWM according to the timing chart. Low-side no refreshing.
Safe Operating Area
Note: The above safe operating areas are at Tj = 135 °C.
0.7
0
450
Power supply voltage
VBB (V)
Figure 1
SOA at Tj = 135°C
0
Low-side ON
Duty cycle 80 %
C
Triangular wave
Duty cycle 100 % (VS: 5.4 V)
High-side duty ON
PWM reference voltage
Duty cycle 55 % (VS: 3.8 V)
Duty cycle 0 % (VS: 2.1 V)
VVsOFF (VS: 1.3 V)
GND
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com