Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSMFHD Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # ESSMFHD
Description  ASSEMBLY INSTRUCTIONS FOR EN4SD, EN4TD, EN4SDSS, EN4DSC, ST, CN4SB, CN4ST & EN4DH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ESSMFHD Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  ESSMFHD Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HAMMOND
MANUFACTURING
TM
TOOL BOX
www.hammondmfg.com
PAGE 1 OF 1
WALLMOUNT - SERIES
ASSEMBLY INSTRUCTIONS FOR
EN4SD, EN4TD, EN4SDSS, EN4DSC, ST, CN4SB, CN4ST & EN4DH
BUL10136
REV. G
GROUND HARDWARE KIT
INNER PANEL DETAIL FOR CN4SB & CN4ST
(ORDER SEPARATELY FOR EN4SD, EN4TD,
ST & EN4DSC SERIES)
NOTES:
1)
To mount enclosure using internal holes, make sure surface is flat or shim to suit. Use hex head bolts and sealing washers
(rubber side against enclosure).
2)
Tighten 3/8-16 mounting hardware as per sketch below. Washer should remain flat against enclosure surface see figure 1.1.
Figure 1.1
3/8-16
NUT
SEALING
WASHER
3/8-16
HEX BOLT
FOOT CAN BE
MOUNTED VERTICAL
OR HORIZONAL
BOUNDING STUD
(HINGE SIDE)
KEP NUT
HEX NUT
1/4-20 GROUND
STUD ON ENCLOSURE
KEP NUT
HEX NUT
GROUND STRAP
(NOT INCLUDED)
Torque 5/16-18 to 100 in/lbs.
5/16-18
KEP NUT
MOUNTING HARDWARE
INSUFFICIENT
TIGHTENING
CORRECT
INSTALLATION
EXCESSIVE
TIGHTENING
If mounting holes are not required, plug as
shown to maintain Type 4 Rating
Mounting Foot kits are required to maintain Nema
4/4X, UL and CSA external mounting requirements.
Part No.
Material
EZPMFHD
Mild Steel (Type 4)
ESSMFHD
Type 304 Stainless Steel (Type 4X)
ES16MFHD
Type 316 Stainless Steel (Type 4X)
Kit No.
Intended Enclosures
EZPMFHD
EN4SD, ST, EN4TD,
CN4SB
ESSMFHD
EN4SDSS, STSS
ES16MFHD
EN4SDS16
3/8,7/16,1/2, 9/16
SOCKET WRENCH
OPTIONAL HOLE PLUG
OPTIONAL MOUNTING FOOT
Torque 1/4-20 to 50 in/lbs.


Similar Part No. - ESSMFHD

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ESSMFHD HAMMOND-ESSMFHD Datasheet
52Kb / 1P
Ensemble de pieds de montage Eclipse
ESSMFHD HAMMOND-ESSMFHD Datasheet
84Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - ESSMFHD

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5056 POMONA-5056 Datasheet
93Kb / 2P
Assembly Instructions
4661 POMONA-4661 Datasheet
34Kb / 2P
Assembly Instructions
4787 POMONA-4787 Datasheet
40Kb / 2P
Assembly Instructions
4859 POMONA-4859 Datasheet
26Kb / 2P
Assembly Instructions
4957 POMONA-4957 Datasheet
47Kb / 2P
Assembly Instructions
4997 POMONA-4997 Datasheet
26Kb / 2P
Assembly Instructions
5218 POMONA-5218 Datasheet
46Kb / 2P
Assembly Instructions
5285 POMONA-5285 Datasheet
42Kb / 2P
Assembly Instructions
5344 POMONA-5344 Datasheet
28Kb / 2P
Assembly Instructions
5375 POMONA-5375 Datasheet
29Kb / 2P
Assembly Instructions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com