Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61251AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 3Page - Renesas Technology Corp M61251AFP Datasheet HTML 4Page - Renesas Technology Corp M61251AFP Datasheet HTML 5Page - Renesas Technology Corp M61251AFP Datasheet HTML 6Page - Renesas Technology Corp M61251AFP Datasheet HTML 7Page - Renesas Technology Corp M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 7 of 15
Electrical characteristics (cont)
Function
Block
Parameter
Specification (typ.)
Pin no.
Condition
50% / 25%
I
2C ”S SiliceDown1”
Sync.
separation
Slice level
50% / 45%
–
I
2C ”S SiliceDown2”
Horizontal VCO
free-running
frequency
15.734 KHz
Horizontal
VCO
Horizontal VCO
adjustment
fH+ / –500 KHz
11
I
2C: 3 bits
+/–500 Hz (normal)
Filter 1uF 6.2 K / 0.01 uF
AFCI
Horizontal pull-in
range
+/–800 Hz (fast)
11
Range of control
+/–1.6
µsI2C: 5 bits
Horizontal pulse
timing
8.5
µs
Horizontal
phase
Horizontal pulse
width
25
µs
11
Inverter
FBP OUT
Output range
0.1 to 5.0 V
19
Vertical free-
running frequency
60 Hz
Vertical pull - in
range
55 to 67 Hz
Vertical position
adjustment
8 Positions
I
2C: 3 bits
Vertical position
step
2Horizontal Line /
Step
V-ramp variable
range
2 Vpp +/- 0.8Vpp
I
2C: 7 bits
V-pulse width
(pulse mode)
0.5ms
Deflection
Vertical count
down
V-BLK width
(pulse mode)
1.5ms
5
Acknowledge
current
5 mA
SCL/SDA Vth
(high)
0.75 V
SCL/SDA Vth
(low)
4.25 V
I
2C bus
I
2C bus
Clock frequency
100 KHz
26, 27
Bus table
Slave address = BAH (write), BBH (read)
A6
A5
A4
A3
A2
A1
A0
R / W
1011
111
1 / 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com