Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9122 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MAS9122
Description  3 Outputs LDO Voltage Regulator IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9122 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MAS9122 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DA9122.002
7 September, 2001
7 (12)
TYPICAL PERFORMANCE
Figure 2. LDO_C line transient for 1 V change at supply voltage.
Figure 5. LDO_A load transient response to maximum output
current with 10 µs steps (IOUT max 100 mA).
NOTE: With 135 mA current the overshoot values and lengths
will grow by 30% compared to 100 mA current.
Figure 3. Regulator output noise density.
Figure 6. LDO_B load transient response to maximum output
current with 10 µs steps.
Figure 4. Regulator output voltage temperature dependency.
Figure 7. LDO_C load transient response to maximum output
current with 10 µs steps.
-25
-20
-15
-10
-5
0
5
10
15
0
50
100
150
200
250
300
350
Time (us)
-25
-20
-15
-10
-5
0
5
10
15
0
50
100
150
200
250
300
350
Time(us)
-25
-20
-15
-10
-5
0
5
10
15
0
50
100
150
200
250
300
350
Time (us)
2.84
2.845
2.85
2.855
2.86
-40
-20
0
20
406080
Temperature
0
50
100
150
200
250
300
350
400
450
100
1000
10000
100000
Frequency (Hz)
2.8485
2.849
2.8495
2.85
2.8505
2.851
2.8515
2.852
2.8525
2.853
2.8535
0
102030
Time(us)
Vout (V)
2
2.5
3
3.5
4
4.5
Vin(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com