Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R-2897 Datasheet(PDF) 4 Page - QT-Brightek Corp.

Part # QBLP595-R-2897
Description  0402 SMD Chip LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R-2897 Datasheet(HTML) 4 Page - QT-Brightek Corp.

  QBLP595-R-2897 Datasheet HTML 1Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 2Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 3Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R-2897 Datasheet HTML 9Page - QT-Brightek Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
QBLP595-R-2897
0402 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595-R-2897
Date: December 17, 2021
Page 4 of 9
Version# 1.2
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
QBLP595-R-2897
Red
20
2.1
2.5
615
620
630
250
330
800
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AlInGaP
75
30
125
5
-40 ~ +80
-40 ~ +85
260
*Duty 1/8 @ 1KHz
**IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=20mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
N
250
320
mcd
O
320
400
P
400
500
Q
500
630
R
630
800
Dominant Wavelength λ
D @ IF=20mA
Bin
Min.
Max.
Unit
s
615
620
nm
t
620
625
u
625
630



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com