Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R5-2897 Datasheet(PDF) 1 Page - QT-Brightek Corp.

Part # QBLP595-R5-2897
Description  SMD 0402 Red LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R5-2897 Datasheet(HTML) 1 Page - QT-Brightek Corp.

  QBLP595-R5-2897 Datasheet HTML 1Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 2Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 3Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R5-2897 Datasheet HTML 9Page - QT-Brightek Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QBLP595-R5-2897
0402 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595-R5-2897
Date: July 20, 2022
Page 1 of 9
Version# 1.0
QT-Brightek Chip LED Series
SMD 0402 Red LED
Part No.: QBLP595-R5-2897
5: 5mA
2897: High Brightness Version


Similar Part No. - QBLP595-R5-2897

ManufacturerPart #DatasheetDescription
logo
QT-Brightek Corp.
QBLP595-R5 QTB-QBLP595-R5 Datasheet
704Kb / 9P
SMD 0402 Red LED
Version 1.0
More results

Similar Description - QBLP595-R5-2897

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VAOL-S4RP4 VCC-VAOL-S4RP4 Datasheet
439Kb / 7P
0402 SMD TYPE LED
logo
P-tec Corporation
PLH0402-WDA03 P-TEC-PLH0402-WDA03 Datasheet
985Kb / 7P
0402 SMD LED
PLH0402-WDG17 P-TEC-PLH0402-WDG17 Datasheet
1Mb / 7P
0402 SMD LED
PLH0402-WDG42 P-TEC-PLH0402-WDG42 Datasheet
796Kb / 7P
0402 SMD LED
PLH0402-WDR22 P-TEC-PLH0402-WDR22 Datasheet
972Kb / 7P
0402 SMD LED
logo
QT-Brightek Corp.
QBLP595-AG15-2897 QTB-QBLP595-AG15-2897 Datasheet
702Kb / 9P
SMD 0402 Green LED
Version 1.0
QBLP595-IW-2897 QTB-QBLP595-IW-2897 Datasheet
778Kb / 10P
0402 SMD Chip LED
Version 1.0
QBLP595-O5-2897 QTB-QBLP595-O5-2897 Datasheet
714Kb / 9P
SMD 0402 Orange LED
Version 1.0
QBLP595-R5 QTB-QBLP595-R5 Datasheet
704Kb / 9P
SMD 0402 Red LED
Version 1.0
logo
Bivar, Inc.
SM0402RC BIVAR-SM0402RC Datasheet
535Kb / 5P
SURFACE MOUNT LED RED, 0402 PACKAGE
Revision B 06/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com