Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP595-R5 Datasheet(PDF) 3 Page - QT-Brightek Corp.

Part # QBLP595-R5
Description  SMD 0402 Red LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QTB [QT-Brightek Corp.]
Direct Link  https://www.qt-brightek.com/home.html
Logo QTB - QT-Brightek Corp.

QBLP595-R5 Datasheet(HTML) 3 Page - QT-Brightek Corp.

  QBLP595-R5 Datasheet HTML 1Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 2Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 3Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 4Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 5Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 6Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 7Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 8Page - QT-Brightek Corp. QBLP595-R5 Datasheet HTML 9Page - QT-Brightek Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
QBLP595-R5
0402 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP595-R5
Date: July 20, 2022
Page 3 of 9
Version# 1.0
Introduction
Feature:
 Water clear lens
 Color: red
 Package in tape and reel
 Compact 0402 package
 AlInGaP technology
 Viewing angle: 140° typ.
Description:
These ultra bright 0402 LEDs have a height profile of
0.50mm. Combination of high brightness output and
small footprint, these LEDs are ideal for keypad
backlighting and status indication.
Application:
 Status indication
 Back lighting application
Certification & Compliance:
 ISO9001
 RoHS Compliant
Dimension:
1
2
1
2
Units: mm / tolerance = +/-0.1mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com