Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2620IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2620IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2620IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2620IGN Datasheet HTML 5Page - Linear Technology LTC2620IGN Datasheet HTML 6Page - Linear Technology LTC2620IGN Datasheet HTML 7Page - Linear Technology LTC2620IGN Datasheet HTML 8Page - Linear Technology LTC2620IGN Datasheet HTML 9Page - Linear Technology LTC2620IGN Datasheet HTML 10Page - Linear Technology LTC2620IGN Datasheet HTML 11Page - Linear Technology LTC2620IGN Datasheet HTML 12Page - Linear Technology LTC2620IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC2600/LTC2610/LTC2620
2600fa
PIN FUNCTIONS
GND (Pin 1): Analog Ground.
VOUT A to VOUT H (Pins 2-5 and 12-15): DAC Analog
Voltage Outputs. The output range is 0 – VREF.
REF (Pin 6): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
CS/LD (Pin 7): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on SDI
into the register. When CS/LD is taken high, SCK is dis-
abled and the specified command (see Table 1) is ex-
ecuted.
SCK (Pin 8): Serial Interface Clock Input. CMOS and TTL
compatible.
SDI (Pin 9): Serial Interface Data Input. Data is applied to
SDI for transfer to the device at the rising edge of SCK. The
LTC2600, LTC2610 and LTC2620 accept input word lengths
of either 24 or 32 bits.
SDO (Pin 10): Serial Interface Data Output. The serial
output of the shift register appears at the SDO pin. The data
transferred to the device via the SDI pin is delayed 32 SCK
rising edges before being output at the next falling edge.
This pin is used for daisy-chain operation.
CLR (Pin 11): Asynchronous Clear Input. A logic low at
this level-triggered input clears all registers and causes
the DAC voltage outputs to drop to 0V. CMOS and TTL
compatible.
VCC (Pin 16): Supply Voltage Input. 2.5V ≤ VCC ≤ 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com