Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB13.. Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VLMB13..
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB13.. Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VLMB13.. Datasheet HTML 5Page - Vishay Siliconix VLMB13.. Datasheet HTML 6Page - Vishay Siliconix VLMB13.. Datasheet HTML 7Page - Vishay Siliconix VLMB13.. Datasheet HTML 8Page - Vishay Siliconix VLMB13.. Datasheet HTML 9Page - Vishay Siliconix VLMB13.. Datasheet HTML 10Page - Vishay Siliconix VLMB13.. Datasheet HTML 11Page - Vishay Siliconix VLMB13.. Datasheet HTML 12Page - Vishay Siliconix VLMB13.. Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VLMS1300, VLMO1300, VLMY130., VLMG1300, VLMTG1300, VLMB13..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
11
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLMB 130., VLMTG 130.
SOLDERING PROFILE
Fig. 20 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020C)
BAR CODE PRODUCT LABEL (example only)
A. 2D barcode
B. Part No: Vishay part number
C. QTY: quantity
D. SelCode = selection bin code
E. Country of origin
F. PTC: production plant code
G. Terminations finishing
H. Region code
I. Serial#: serial number
K. Batch Number: year, week, country code, plant code
L. SL: storage location
M. Environmental
Symbols:
RoHS,
lead
(Pb)-free,
halogen-free
N. Lot numbers
Recommended solder
pad footprint
0.8
2.3
0.3
0.3
1.6
Cathode
1.1
Not indicated tolerances ± 0.1
Drawing-No.: 6.541-5094.01-4
Issue: 2; 10.03.21
Technical drawings
according to DIN
specifications
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19470-5
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 3
max. 2 cycles allowed
A
B
D
C
F
G
I
N
K
L
E
H
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com