Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB150. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMB150.
Description  Ultrabright 0402 ChipLED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB150. Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VLMB150. Datasheet HTML 2Page - Vishay Siliconix VLMB150. Datasheet HTML 3Page - Vishay Siliconix VLMB150. Datasheet HTML 4Page - Vishay Siliconix VLMB150. Datasheet HTML 5Page - Vishay Siliconix VLMB150. Datasheet HTML 6Page - Vishay Siliconix VLMB150. Datasheet HTML 7Page - Vishay Siliconix VLMB150. Datasheet HTML 8Page - Vishay Siliconix VLMB150. Datasheet HTML 9Page - Vishay Siliconix VLMB150. Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VLMS150., VLMO1500, VLMY150., VLMG1500, VLMTG150., VLMB150.
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 19-Mar-2021
6
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Forward Current (super red)
Fig. 8 - Relative Luminous Intensity vs. Forward Current
(soft orange)
Fig. 9 - Relative Luminous Intensity vs. Forward Current (yellow)
Fig. 10 - Relative Luminous Intensity vs. Forward Current
(yellow green)
Fig. 11 - Relative Luminous Intensity vs. Forward Current
(true green, blue)
Fig. 12 - Relative Intensity vs. Wavelength (super red)
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
super red
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
soft orange
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
yellow
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
yellow green
0
2.5
0
1020304050
IF - Forward Current (mA)
2.0
1.5
1.0
0.5
true green, blue
0.0
0.2
0.4
0.6
0.8
1.0
1.2
500
550
600
650
700
750
λ - Wavelength (nm)
super red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com