Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMR31.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMR31..
Description  High Intensity SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMR31.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMR31.. Datasheet HTML 1Page - Vishay Siliconix VLMR31.. Datasheet HTML 2Page - Vishay Siliconix VLMR31.. Datasheet HTML 3Page - Vishay Siliconix VLMR31.. Datasheet HTML 4Page - Vishay Siliconix VLMR31.. Datasheet HTML 5Page - Vishay Siliconix VLMR31.. Datasheet HTML 6Page - Vishay Siliconix VLMR31.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMR31..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 24-Sep-2021
1
Document Number: 82419
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Intensity SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for AlInGaP technology.
The package of the VLMR31.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity and color categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
Note
(1) Not for new designs
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMR31Q2T1-GS08
Amber
90
160
355
20
612
618
624
20
1.8
2.0
2.4
20
AllnGaP on GaAs
VLMR31Q2T1-GS18 (1)
Amber
90
160
355
20
612
618
624
20
1.8
2.0
2.4
20
AllnGaP on GaAs


Similar Part No. - VLMR31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMR31 VISHAY-VLMR31 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
VLMR31 VISHAY-VLMR31 Datasheet
230Kb / 7P
High Intensity SMD LED PLCC-2
24-Sep-2021
VLMR31Q2T1-GS08 VISHAY-VLMR31Q2T1-GS08 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMR31Q2T1-GS08 TO-GRACE-VLMR31Q2T1-GS08 Datasheet
773Kb / 7P
High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLMR31Q2T1-GS18 VISHAY-VLMR31Q2T1-GS18 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
More results

Similar Description - VLMR31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLME3100 VISHAY-VLME3100 Datasheet
176Kb / 8P
High Intensity SMD LED PLCC-2
31-Jul-15
VLMR31 VISHAY-VLMR31 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
VLMS31 VISHAY-VLMS31 Datasheet
175Kb / 8P
High Intensity SMD LED PLCC-2
03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLME3100 TO-GRACE-VLME3100 Datasheet
690Kb / 8P
High Intensity SMD LED PLCC-2
VLMF31Q2T1-GS08 TO-GRACE-VLMF31Q2T1-GS08 Datasheet
645Kb / 7P
High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLME310 VISHAY-VLME310 Datasheet
204Kb / 8P
High Intensity SMD LED PLCC-2
08-Jul-2019
VLME310 VISHAY-VLME310_V01 Datasheet
233Kb / 8P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMF31 VISHAY-VLMF31_V01 Datasheet
231Kb / 7P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMR31 VISHAY-VLMR31_V01 Datasheet
230Kb / 7P
High Intensity SMD LED PLCC-2
24-Sep-2021
VLMF31Q2T1 VISHAY-VLMF31Q2T1 Datasheet
227Kb / 7P
High Intensity SMD LED PLCC-2
19-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com