Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK-R-1-1/2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KTK-R-1-1/2
Description  Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KTK-R-1-1/2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KTK-R-1-1/2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIMITRON®
KTK-R
Fast-Acting Fuses
13/32” x 1-1/2”, Class CC - 600 Volt, 1/10 - 30 Amps
Form No. KTK-R
Page 1 of 1
Data Sheet: 1015
Bussmann®
3-19-03
SB03078
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clearly
present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products
and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it
should be tested by the user in all possible applications.
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1/10–30
10
.180
.082
*Weight per carton.
Electrical Ratings (Catalog Symbol and Amperes)
600Vac - UL Listed & C.S.A.
KTK-R-1/10
KTK-R-6/10
KTK-R-3-1/2
KTK-R-10
KTK-R-1/8
KTK-R-3/4
KTK-R-4
KTK-R-12
KTK-R-2/10
KTK-R-1
KTK-R-5
KTK-R-15
KTK-R-1/4
KTK-R-1-1/2
KTK-R-6
KTK-R-20
KTK-R-3/10
KTK-R-2
KTK-R-7
KTK-R-25
KTK-R-4/10
KTK-R-2-1/2
KTK-R-8
KTK-R-30
KTK-R-1/2
KTK-R-3
KTK-R-9
–
1.5
(
±0.031)
(38.1mm)
.41
(
±0.005)
(10.3mm)
Catalog Symbol: KTK-R
Fast-Acting Branch Circuit Fuse:
1/10 TO 30A
Voltage Rating:
600Vac (or less): 0-30A
Interrupting Rating:
ac: 200,000A RMS Sym.
UL LIisted, STD. 248-4, Class CC,
(Guide #JDDZ, File #E4273)
CSA Certified, C22.2 NO. 248.4, (File #53787—Class
#1422-02)
• LIMITRON® fast-acting fuse.
• Melamine tube. Nickel-plated brass endcaps.
• U.L. Listed for branch circuit protection.
• Rejection type; for both standard holders or those which
reject other type fuses.
Time-Current Characteristic Curves–Average Melt
Dimensional Data
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Recommended fuseblocks/fuseholders for
Class CC 600V fuses
See Data Sheets listed below
• Open fuseblocks - 1105
• Finger-safe fuseholders - 1109, 1102, 1103, 1151
• Panel-mount fuseholders - 2114, 2113
• In-line fuseholders - 2126


Similar Part No. - KTK-R-1-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTK-R-1-1/2 COOPER-KTK-R-1-1/2 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTK-R-1-1/2 EATON-KTK-R-1-1/2 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results

Similar Description - KTK-R-1-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
List of Unclassifed Man...
FPK-R ETC-FPK-R Datasheet
519Kb / 2P
UL Class CC Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
FPK ETC-FPK Datasheet
540Kb / 2P
UL Class M Fuse - Fast Acting 13/32” x 1 1/2”
Rev. A / 01-02-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com