Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMK233.. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VLMK233..
Description  Power Mini SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMK233.. Datasheet(HTML) 7 Page - Vishay Siliconix

  VLMK233.. Datasheet HTML 1Page - Vishay Siliconix VLMK233.. Datasheet HTML 2Page - Vishay Siliconix VLMK233.. Datasheet HTML 3Page - Vishay Siliconix VLMK233.. Datasheet HTML 4Page - Vishay Siliconix VLMK233.. Datasheet HTML 5Page - Vishay Siliconix VLMK233.. Datasheet HTML 6Page - Vishay Siliconix VLMK233.. Datasheet HTML 7Page - Vishay Siliconix VLMK233.. Datasheet HTML 8Page - Vishay Siliconix VLMK233.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VLMS233.., VLMR233.., VLMK233.., VLMO233.., VLMY233..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 21-Jul-2022
7
Document Number: 82423
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE DIMENSIONS in millimeters
LEADER AND TRAILER DIMENSIONS in millimeters
GS08 = 3000 pcs
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 N to 1.3 N
300 mm/min ± 10 mm/min
165° to 180° peel angle
LABEL
Standard bar code labels for finished goods
The standard bar code labels are product labels and used
for identification of goods. The finished goods are packed in
final packing area. The standard packing units are labeled
with standard bar code labels before transported as finished
goods to warehouses. The labels are on each packing unit
and contain Vishay Semiconductor GmbH specific data.
1
1.5
4
2
4
8°
max.
1.58
0.254
1.58
technical drawings
according to DIN specifications
A
C
Drawing refers to following types: Mini - SMD - LED with reverse polarity: VLM. 233..., VLM. 235...
Drawing-No.: 9.700-5381.01-4
Issue: 2; 20.07.17
Package mark
Trailer
Leader
no devices
min.
200
min. 400
Start
End
devices
96 11818
no devices



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com