Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS30.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS30..
Description  Low Current SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS30.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS30.. Datasheet HTML 1Page - Vishay Siliconix VLMS30.. Datasheet HTML 2Page - Vishay Siliconix VLMS30.. Datasheet HTML 3Page - Vishay Siliconix VLMS30.. Datasheet HTML 4Page - Vishay Siliconix VLMS30.. Datasheet HTML 5Page - Vishay Siliconix VLMS30.. Datasheet HTML 6Page - Vishay Siliconix VLMS30.. Datasheet HTML 7Page - Vishay Siliconix VLMS30.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VLMS30.., VLMO30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 09-May-2022
2
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS30.., VLMO30.., VLMY30..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
IF
15
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction to ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS30.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMS3000
IV
2.8
10
-
mcd
IF = 2 mA
VLMS30J1K2
IV
4.5
8.5
11.2
mcd
IF = 2 mA
VLMS30K1L2
IV
7.1
10.5
18
mcd
IF = 2 mA
VLMS30J1L2
IV
4.5
10
18
mcd
IF = 2 mA
VLMS30K2L2
IV
912
18
mcd
Dominant wavelength
IF = 2 mA
λd
624
630
636
nm
Peak wavelength
IF = 2 mA
λp
-
635
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
615
-
V
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO30.., ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMO30L1M2
IV
11.2
16.5
28
mcd
IF = 2 mA
VLMO30K1M2
IV
7.1
16
28
mcd
Dominant wavelength
IF = 2 mA
λd
600
605
609
nm
Peak wavelength
IF = 2 mA
λp
-
610
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
°
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
615
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com