Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMY31.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMY31..
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY31.. Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMY31.. Datasheet HTML 1Page - Vishay Siliconix VLMY31.. Datasheet HTML 2Page - Vishay Siliconix VLMY31.. Datasheet HTML 3Page - Vishay Siliconix VLMY31.. Datasheet HTML 4Page - Vishay Siliconix VLMY31.. Datasheet HTML 5Page - Vishay Siliconix VLMY31.. Datasheet HTML 6Page - Vishay Siliconix VLMY31.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMY31..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 14-Apr-2022
2
Document Number: 81326
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, singe wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMY31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
Tamb
≤ 60 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.34
A
Power dissipation
PV
56
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction to ambient Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMY31.., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX
UNIT
Luminous intensity
IF = 10 mA
VLMY31J1K2
IV
4.5
7.6
11.2
mcd
VLMY31K1L2
IV
7.1
8.6
18
mcd
Dominant wavelength
IF = 10 mA
λd
581
588
594
nm
Peak wavelength
IF = 10 mA
λp
-
590
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.1
2.8
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
J1
4.5
5.6
J2
5.6
7.1
K1
7.10
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
YELLOW
MIN.
MAX.
1
581
584
2
583
586
3
585
588
4
587
590
5
589
592
6
591
594
CROSSING TABLE
VISHAY
OSRAM
VLMY31J1K2
LYT670-J1K2
VLMY31K1L2
LYT670-K1L2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com