Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMO335.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMO335..
Description  Power SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMO335.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMO335.. Datasheet HTML 1Page - Vishay Siliconix VLMO335.. Datasheet HTML 2Page - Vishay Siliconix VLMO335.. Datasheet HTML 3Page - Vishay Siliconix VLMO335.. Datasheet HTML 4Page - Vishay Siliconix VLMO335.. Datasheet HTML 5Page - Vishay Siliconix VLMO335.. Datasheet HTML 6Page - Vishay Siliconix VLMO335.. Datasheet HTML 7Page - Vishay Siliconix VLMO335.. Datasheet HTML 8Page - Vishay Siliconix VLMO335.. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VLMS335.., VLMR335.., VLMK335.., VLMO335.., VLMY335..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 14-Sep-2022
1
Document Number: 84911
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power SMD LED PLCC-2
DESCRIPTION
The VLM.335.. series is an advanced modification of
the Vishay VLM.31.. series. It is using the advanced,
high efficient AlInGaP/Si chip technology, capable of
withstanding a 50 mA drive current.
The package of the VLM.335.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• Utilizing latest advanced AlInGaP technology
• Available in 8 mm tape
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• Thermal resistance R = 400 K/W
• ESD-withstand voltage: up to 2 kV according
to JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Compatible with reflow, vapor phase and wave solder
processes according to CECC 00802 and J-STD-020
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
• Dashboard illumination
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMS335T1U2-GS08
Super red
280
390
710
20
626
630
639
20
1.8
2
2.6
20
AlInGaP on Si
VLMR335U1V2-GS08
Red
450
560
1120
20
619
625
631
20
1.8
2
2.6
20
AlInGaP on Si
VLMK335U1V2-GS08
Amber
450
630
1120
20
611
616
622
20
1.8
2.1
2.6
20
AlInGaP on Si
VLMO335U2AA-GS08
Soft orange
560
700
1400
20
600
605
611
20
1.8
2.1
2.6
20
AlInGaP on Si
VLMY335U1V2-GS08
Yellow
450
600
1120
20
583
589
594
20
1.8
2.15
2.6
20
AlInGaP on Si
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLM.335...
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
Short term application only
VR
5V
DC forward current
Tamb
≤ 73 °C (400 K/W)
IF
50
mA
Power dissipation
PV
130
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction to ambient Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W


Similar Part No. - VLMO335..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMO335 VISHAY-VLMO335 Datasheet
275Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
logo
HK TO-GRACE TECHNOLOGY ...
VLMO335U2AA-GS08 TO-GRACE-VLMO335U2AA-GS08 Datasheet
801Kb / 9P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLMO335U2AA-GS08 VISHAY-VLMO335U2AA-GS08 Datasheet
223Kb / 9P
Power SMD LED PLCC-2
05-Mar-18
VLMO335U2AA-GS08 VISHAY-VLMO335U2AA-GS08 Datasheet
275Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
logo
HK TO-GRACE TECHNOLOGY ...
VLMO335U2AA-GS18 TO-GRACE-VLMO335U2AA-GS18 Datasheet
801Kb / 9P
Power SMD LED PLCC-2
More results

Similar Description - VLMO335..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
Power SMD LED PLCC-2
30-Apr-13
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
Power SMD LED PLCC-2
24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
Power SMD LED PLCC-2
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
Power SMD LED PLCC-2
VLMPG33N1P2 TO-GRACE-VLMPG33N1P2 Datasheet
851Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
Power SMD LED PLCC-2
26-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com