Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNB-1/2C Datasheet(PDF) 1 Page - SAB North America

Part # FNB-1/2C
Description  Polyamide 6 Cord Grips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

FNB-1/2C Datasheet(HTML) 1 Page - SAB North America

  FNB-1/2C Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical data:
Material:
Polyamide 6
Seal:
Chloroprene (CR)
Color:
RAL 7001 (gray)
RAL 9005 (black)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-30°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, cCSAus, VDE,
DNV-GL, CE
¹ Product is UR/UL tested to cCSAus
Part
Number
Thread
Type
Clamping
Range
Ø min-max
Thread
Diameter
(TD)
Wrenching
Flats
(SW)
Thread
Length
(TL)
Height
(H)
UL
gray
black
inches
mm
inches
mm
inches
mm
inches
inches
PG
FPG-7
FPB-7
PG 7
0.118 - 0.256
3.0 - 6.5
0.492
12.5
0.591
15
0.315
2.264
UR
FPG-9
FPB-9
PG 9
0.157 - 0.315
4.0 - 8.0
0.598
15.2
0.748
19
0.315
2.732
UR
FPG-11
FPB-11
PG 11
0.197 - 0.394
5.0 - 10.0
0.732
18.6
0.866
22
0.315
3.213
UR
FPG-13
FPB-13
PG 13.5
0.236 - 0.472
6.0 - 12.0
0.803
20.4
0.945
24
0.394
3.681
UL
FPG-16
FPB-16
PG 16
0.394 - 0.551
10.0 - 14.0
0.886
22.5
1.063
27
0.394
4.173
UL
FPG-21
FPB-21
PG 21
0.512 - 0.709
13.0 - 18.0
1.114
28.3
1.299
33
0.433
4.642
UL
PG with Reducer Bushings
FPG-7R
FPB-7R
PG 7
0.079 - 0.197
2.0 - 5.0
0.492
12.5
0.591
15
0.315
2.264
UR¹
FPG-9R
FPB-9R
PG 9
0.079 - 0.236
2.0 - 6.0
0.598
15.2
0.748
19
0.315
2.732
UR¹
FPG-11R
FPB-11R
PG 11
0.118 - 0.276
3.0 - 7.0
0.732
18.6
0.866
22
0.315
3.213
UR¹
FPG-13R
FPB-13R
PG 13.5
0.197 - 0.354
5.0 - 9.0
0.803
20.4
0.945
24
0.394
3.681
UL¹
FPG-16R
FPB-16R
PG 16
0.276 - 0.472
7.0 - 12.0
0.886
22.5
1.063
27
0.394
4.173
UL¹
FPG-21R
FPB-21R
PG 21
0.354 - 0.630
9.0 - 16.0
1.114
28.3
1.299
33
0.433
4.642
UL¹
NPT
FNG-3/8
FNB-3/8
NPT 3/8
0.197 - 0.394
5.0 - 10.0
0.675
17.1
0.866
22
0.591
3.169
UR
FNG-1/2
FNB-1/2
NPT 1/2
0.236 - 0.472
6.0 - 12.0
0.840
21.3
0.945
24
0.591
3.720
UL
FNG-1/2C
FNB-1/2C
NPT 1/2
0.394 - 0.551
10.0 - 14.0
0.840
21.3
1.063
27
0.591
4.173
UL
FNG-3/4
FNB-3/4
NPT 3/4
0.512 - 0.709
13.0 - 18.0
1.050
26.7
1.299
33
0.591
4.606
UL
NPT with Reducer Bushings
FNG-3/8R
FNB-3/8R
NPT 3/8
0.118 - 0.276
3.0 - 7.0
0.675
17.1
0.866
22
0.591
3.169
UR¹
FNG-1/2R
FNB-1/2R
NPT 1/2
0.197 - 0.354
5.0 - 9.0
0.840
21.3
0.945
24
0.591
3.720
UL¹
FNG-1/2RC
FNB-1/2RC
NPT 1/2
0.276 - 0.472
7.0 - 12.0
0.840
21.3
1.063
27
0.591
4.173
UL¹
FNG-3/4R
FNB-3/4R
NPT 3/4
0.354 - 0.630
9.0 - 16.0
1.050
26.7
1.299
33
0.591
4.606
UL¹
N
8
C
866-722-2974
.
info@sabcable.com
www.sabcable.com
CG 200 PG / CG 200 NPT
Flex cap cord grip, black or gray
Polyamide 6 Cord Grips
Strain relief gland offers maximum protection
against conductor fatigue caused by flexing
cables.
Locknuts need to be purchased separately, see page N/9


Similar Part No. - FNB-1/2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNB-0.1G ETC-FNB-0.1G Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
FNB-0.1K ETC-FNB-0.1K Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
FNB-0.2G ETC-FNB-0.2G Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
FNB-0.2K ETC-FNB-0.2K Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
FNB-0.4G ETC-FNB-0.4G Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
More results

Similar Description - FNB-1/2C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130097-0172 MOLEX11-130097-0172 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0179 MOLEX11-130097-0179 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male,
130097-0180 MOLEX11-130097-0180 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0183 MOLEX11-130097-0183 Datasheet
41Kb / 1P
Deluxe Cord Grips Strain Relief, 2 NPT, Straight Male
1300970159 MOLEX11-1300970159 Datasheet
35Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
1300970235 MOLEX-1300970235 Datasheet
34Kb / 1P
Deluxe Cord Grips Strain Relief, 1-1/2
07/27/2021
logo
SAB North America
CG100 SAB-CG100 Datasheet
185Kb / 1P
Polyamide 6 Cord Grips
CG100NPT SAB-CG100NPT Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
CG100PG SAB-CG100PG Datasheet
176Kb / 1P
Polyamide 6 Cord Grips
logo
STI Vibration Monitorin...
CMCP262 STI-CMCP262 Datasheet
351Kb / 2P
CMCP262 Series Breakthrough Style Cord Grips
02/07/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com