Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEB-20D64 Datasheet(PDF) 2 Page - CUI Devices

Part # CEB-20D64
Description  PIEZOELECTRIC DIAPHRAGM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CEB-20D64 Datasheet(HTML) 2 Page - CUI Devices

  CEB-20D64 Datasheet HTML 1Page - CUI Devices CEB-20D64 Datasheet HTML 2Page - CUI Devices CEB-20D64 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: CEB-20D64 | DESCRIPTION: PIEZOELECTRIC DIAPHRAGM
date 08/05/2022 | page 2 of 3
cuidevices.com
MEASURING METHOD
Resonant Frequency / Resonant Impedance
The piezo electric diaphragm shall be clamped at a node point as shown in the following figure to be free from any mechanical stress, and
measured its resonant frequency and resonant impedance by using vector impedance analyzer or equivalent.
When the input frequency is swept within 2 kHz to 8 kHz, the resonant frequency is defined as the frequency where the impedance shows
the minimum value, and this impedance shall be the resonant impedance.
Static Capacitance
The electrostatic capacitance shall be measured at 120 Hz by using LCR meter HP4194A(H.P.) or equivalent. This part shall be clamped in
the same way as the measurement of resonant frequency and resonant impedance as mentioned above.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com