Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-40CF Datasheet(PDF) 1 Page - CUI Devices

Part # CFM-40CF
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-40CF Datasheet(HTML) 1 Page - CUI Devices

  CFM-40CF Datasheet HTML 1Page - CUI Devices CFM-40CF Datasheet HTML 2Page - CUI Devices CFM-40CF Datasheet HTML 3Page - CUI Devices CFM-40CF Datasheet HTML 4Page - CUI Devices CFM-40CF Datasheet HTML 5Page - CUI Devices CFM-40CF Datasheet HTML 6Page - CUI Devices CFM-40CF Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 08/12/2022
page 1 of 7
SERIES: CFM-40CF | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• omniCOOL™ bearing system
• 40 x 40 mm frame
• multiple speed options
• PWM/tachometer wires available
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CFM-4020CF-035-114
5
4.5~5.5
0.09
0.45
3,5005
4.38
0.06
11.4
CFM-4020CF-055-212
5
4.5~5.5
0.17
0.85
5,5005
6.88
0.14
21.2
CFM-4020CF-075-306
5
4.5~5.5
0.32
1.60
7,500
9.38
0.25
30.6
CFM-4020CF-095-342
5
4.5~5.5
0.47
2.35
9,500
11.88
0.41
34.2
CFM-4020CF-235-114
24
21.6~26.4
0.04
0.96
3,5005
4.38
0.06
11.4
CFM-4020CF-255-212
24
21.6~26.4
0.05
1.20
5,5005
6.88
0.14
21.2
CFM-4020CF-275-306
24
21.6~26.4
0.08
1.92
7,500
9.38
0.25
30.6
CFM-4020CF-295-342
24
21.6~26.4
0.15
0.36
9,500
11.88
0.41
34.2
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±600 at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-4020CF-035-114 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page | 3D Model


Similar Part No. - CFM-40CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-40C CUI-CFM-40C Datasheet
921Kb / 7P
DC AXIAL FAN
logo
CUI Devices
CFM-40C CUID-CFM-40C Datasheet
923Kb / 7P
DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-40CF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com