Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5960 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5960
Description  Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5960 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5960 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5960 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5960 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5960 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5960
No.7610-3/4
Reverse Bias A S O
IT05863
0.1
5
7
3
2
5
7
3
2
3
2
1.0
10
100
10
57
1.0
23
5
7
23
1000
57
23
IT05063
ICP
Tc=25
°C
IB2= --1.2A Const.
L=500
µH
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Sustain Voltage, VCEX(sus) -- V
IT05864
Collector Current, IC -- A
SW Time -- IC
0.1
0.01
5
7
3
2
5
7
3
2
5
7
3
2
1.0
10
1.0
0.1
23
5
7
23
5
7
10
IT05923
tstg
tf
VCC=200V
IC/IB=5
IB2/IB1= --2.5
R load
IT05150
7
1.0
5
3
2
3
2
0.01
7
5
3
2
0.1
7
5
3
2
1.0
7
5
3
2
10
VBE(sat) -- IC
IC / IB=5
Ta= --40°C
120°C
25°C
Collector Current, IC -- A
0.1
0.01
5
7
3
2
5
7
3
2
5
7
3
2
3
2
1.0
10
100
10
57
2
3
1.0
23
5
7
23
5
7
IT06395
S /
B
Limited
≤50µs
ICP=14A
IC=7A
Tc=25
°C
Single pulse
0
0.5
1.0
1.5
2.0
3.0
2.5
0
PC -- Ta
40
20
100
120
60
80
140
160
Ambient Temperature, Ta --
°C
No
heat
sink
0
10
20
30
40
50
60
70
0
PC -- Tc
40
20
100
120
60
80
140
160
Case Temperature, Tc --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com