Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88172L Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88172L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88172L Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88172L Datasheet HTML 5Page - ASIX Electronics Corporation AX88172L Datasheet HTML 6Page - ASIX Electronics Corporation AX88172L Datasheet HTML 7Page - ASIX Electronics Corporation AX88172L Datasheet HTML 8Page - ASIX Electronics Corporation AX88172L Datasheet HTML 9Page - ASIX Electronics Corporation AX88172L Datasheet HTML 10Page - ASIX Electronics Corporation AX88172L Datasheet HTML 11Page - ASIX Electronics Corporation AX88172L Datasheet HTML 12Page - ASIX Electronics Corporation AX88172L Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ASIX ELECTRONICS CORPORATION
9
AX88172
PRELIMINARY
3.0 EEPROM Memory Mapping
EEPROM
OFFSET
HIGH BYTE
LOW BYTE
00H
RESERVED
WORD COUNT FOR PRELOAD
01H
*FLAG
02H
HIGH-SPEED LENGTH OF DEVICE
DESCRIPTOR (BYTE)
HIGH-SPEED EEPROM OFFSET OF DEVICE
DESCRIPTOR
03H
HIGH-SPEED LENGTH OF CONFIGURATION
DESCRIPTOR (BYTE)
HIGH-SPEED EEPROM OFFSET OF
CONFIGURATION DESCRIPTOR
04H
NODE ID 1
NODE ID 0
05H
NODE ID 3
NODE ID 2
06H
NODE ID 5
NODE ID 4
07H
LANGUAGE ID HIGH BYTE
LANGUAGE ID LOW BYTE
08H
LENGTH OF STRING INDEX 1
EEPROM OFFSET OF STRING INDEX 1
09H
LENGTH OF STRING INDEX 2
EEPROM OFFSET OF STRING INDEX 2
0AH
LENGTH OF STRING INDEX 3
EEPROM OFFSET OF STRING INDEX 3
0BH
LENGTH OF STRING INDEX 4
EEPROM OFFSET OF STRING INDEX 4
0CH
LENGTH OF STRING INDEX 5
EEPROM OFFSET OF STRING INDEX 5
0DH
LENGTH OF STRING INDEX 6
EEPROM OFFSET OF STRING INDEX 6
0EH
LENGTH OF STRING INDEX 7
EEPROM OFFSET OF STRING INDEX 7
0FH
RESERVED
RESERVED
10H
MAX PACKETSIZE HIGH BYTE
MAX PACKET LOW BYTE
11H
**(PHY TYPE[7:5]) (SECONDARY PHY
ID[4:0])
**(PHY TYPE[7:5])(FIRST PHY ID[4:0] )
12H
PAUSE PACKET HIGH WATER LEVEL
PAUSE PACKET LOW WATER LEVEL
13H
FULL-SPEED LENGTH OF DEVICE
DESCRIPTOR (BYTE)
FULL-SPEED EEPROM OFFSET OF DEVICE
DESCRIPTOR
14H
FULL-SPEED LENGTH OF CONFIGURATION
DESCRIPTOR (BYTE)
FULL-SPEED EEPROM OFFSET OF
CONFIGURATION DESCRIPTOR
15H-1FH
RESERVED
RESERVED
Tab - 2 EEPROM Memory Mapping
Note:
*FLAG:
Bit0
Self Powered (for USB GetStatus) 1: self power ; 0 : bus power
Bit 1
Reserved
Bit 2
RemoteWakeUP support
Bit 3
1
Bit 4 –5
Reserved
Bit 6
RX drop CRC Enable
Bit 7
TX append CRC enable
Bit 8
Capture Effective Mode
Bit 9 – F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com