Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88178 Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 17Page - ASIX Electronics Corporation AX88178 Datasheet HTML 18Page - ASIX Electronics Corporation AX88178 Datasheet HTML 19Page - ASIX Electronics Corporation AX88178 Datasheet HTML 20Page - ASIX Electronics Corporation AX88178 Datasheet HTML 21Page - ASIX Electronics Corporation AX88178 Datasheet HTML 22Page - ASIX Electronics Corporation AX88178 Datasheet HTML 23Page - ASIX Electronics Corporation AX88178 Datasheet HTML 24Page - ASIX Electronics Corporation AX88178 Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.15 Multicast Filter Array (15h, read only and 16h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MA 0 [7:0]
MA 1 [7:0]
MA 2 [7:0]
MA 3 [7:0]
MA 4 [7:0]
MA 5 [7:0]
MA 6 [7:0]
MA 7 [7:0]
{MA7 [7:0], MA6 [7:0], MA5 [7:0], MA4 [7:0], MA3 [7:0], MA2 [7:0], MA1 [7:0], MA0 [7:0]} = the multicast
address bit map for multicast frame filtering block. See Figure 3: Multicast Filter Example, for example.
CRC32
{crc31, 30, 29, 28, 27, 26}
Address[5:0] = 1Ah
MAR[63:0] =
400_0000h
DA
81 81 81 81 81 81
Figure 3: Multicast Filter Example
6.2.1.16 Test Register (17h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MM [7:6]
LDRND
LDRND: Load Random number into MAC’s exponential back-off timer. User writes a “1” to enable the ASIC to load
a small random number into MAC’s back-off timer to shorten the back-off duration in each retry after
collision. This register is used for test purpose. Default value = 0.
MM [7:6]: Reserved.
6.2.1.17 Ethernet / HomePNA Phy Address Register (19h, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SecPhyType [2:0]
SecPhyID [4:0]
PriPhyType [2:0]
PriPhyID [4:0]
SecPhyType, SecPhyID: The Secondary PHY address loaded from serial EEPROM’s offset address 11h.
PriPhyType, PriPhyID: The Primarily PHY address loaded from serial EEPROM’s offset address 11h.
ASIX ELECTRONICS CORPORATION
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com