Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3528A10-R80 Datasheet(PDF) 5 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3528A10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528A10-R80 Datasheet(HTML) 5 Page - American Bright OPTOELECTRONICS CORP.

  BL-3528A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 6 of 12
SI N CE 198 1
Color Temperature Bin Limits (At 20mA)
Col o r Bin Li mi ts (a t 2 0 mA )
BIN
CCT(K)
Chromaticity Coordinates
x
0.3109
0.3028
0.3010
0.3095
0.3109
A-1
y
0.3385
0.3304
0.3410
0.3485
0.3385
x
0.3123
0.3050
0.3028
0.3109
0.3123
A-2
y
0.3283
0.3203
0.3304
0.3385
0.3283
x
0.3137
0.3068
0.3050
0.3123
0.3137
A-3
6530-7040K
y
0.3180
0.3113
0.3203
0.3283
0.3180
x
0.3205
0.3109
0.3095
0.3198
0.3205
B-1
y
0.3481
0.3385
0.3485
0.3575
0.3481
x
0.3213
0.3123
0.3109
0.3205
0.3213
B-2
y
0.3360
0.3282
0.3385
0.3481
0.3360
x
0.3221
0.3137
0.3123
0.3213
0.3221
B-3
6500K
(6020-7040K)
6020-6530K
y
0.3261
0.3180
0.3282
0.3360
0.3261



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com