Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2011S Datasheet(PDF) 5 Page - Anachip Corp

Part # AP2011S
Description  Synchronous PWM with VFC Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2011S Datasheet(HTML) 5 Page - Anachip Corp

  AP2011S Datasheet HTML 1Page - Anachip Corp AP2011S Datasheet HTML 2Page - Anachip Corp AP2011S Datasheet HTML 3Page - Anachip Corp AP2011S Datasheet HTML 4Page - Anachip Corp AP2011S Datasheet HTML 5Page - Anachip Corp AP2011S Datasheet HTML 6Page - Anachip Corp AP2011S Datasheet HTML 7Page - Anachip Corp AP2011S Datasheet HTML 8Page - Anachip Corp AP2011S Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP2011
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.1 Apr 1, 2005
5/9
Typical Performance Characteristics
Load Regulation (Vin=12V; Vout=5V)
0
0.2
0.4
0.6
0.8
1
1.2
01
23
45
Iout (A)
Line Regulation (Vout=5V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10203040
Vin (V)
Vin v.s. Icc (No external component)
8.23
8.24
8.25
8.26
8.27
8.28
8.29
8.3
8.31
10
15
20
25
30
35
40
Vin (V)
Vin v.s. Icc (Operation current)
0
4
8
12
16
20
10
15
20
25
30
35
40
Vin (V)
Internal Regulator Voltage
(Vin=12V; Vout=5V)
8.1
8.15
8.2
8.25
8.3
8.35
8.4
8.45
8.5
8.55
-25
0
25
50
75
100
Junction Temperature (oC)
R4 v.s. Current limit
(Vin=12V; Vout=5V)
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
23
45
6
7
89
R4 (K)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com