Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2011SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP2011SA
Description  Synchronous PWM with VFC Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2011SA Datasheet(HTML) 4 Page - Anachip Corp

  AP2011SA Datasheet HTML 1Page - Anachip Corp AP2011SA Datasheet HTML 2Page - Anachip Corp AP2011SA Datasheet HTML 3Page - Anachip Corp AP2011SA Datasheet HTML 4Page - Anachip Corp AP2011SA Datasheet HTML 5Page - Anachip Corp AP2011SA Datasheet HTML 6Page - Anachip Corp AP2011SA Datasheet HTML 7Page - Anachip Corp AP2011SA Datasheet HTML 8Page - Anachip Corp AP2011SA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP2011
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.1 Apr 1, 2005
4/9
Typical Application Circuit
VIN
OCSET
VCC
PVCC
CAP
PGND
FB
NGATE
PHASE
PDRV
PGATE
SS/SHDN
Vout=5V
Lout
22u
R1
3K
R2
1K
Cin
470u
(50V)
VIN=10V~28V(10V~40V)
R4
6.8K
SGND
VREF
C1
100n
C2
1u(50V)
C3
300n
Q2
AF9410
(AF4410)
(9985)
Q1
AF9435
(AF4835)
(9563)
D1
Optional
D2
C4
0.1u
10n
(50V)
C5
47n
Cout
680u
10n
47n(50V)
Optional
R3
6.8 ohm
Cboost
C6
0.1u (50V)
VOUT= VFB× (1 +
R2
R1
)
VFB = 1.25V
R2 = 820 ~ 5.1K
Typical Performance Characteristics
PMOS: AF4835; NMOS: AF4410
Efficiency (Vout=5V)
80
85
90
95
01
23
45
Iout (A)
Vin=12V
Vin=30V
Vin=20V
PMOS: AP9563; NMOS: AP9985
Efficiency (Vout=5V)
70
75
80
85
01
234
5
Iout (A)
Vin=40V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com