Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMD31030AAF-R Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31030AAF-R
Description  Automotive Sensor Signal Conditioner with LIN Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31030AAF-R Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31030AAF-R Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31030AAF-R Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Ordering Code
Description
Operating
Package
Device
Shipping Form**
Temperature Range
Type
Marking
ZMD31030AD ES
engineering samples
die
waffle tray
as dice in waffletray
ZMD31030AF ES
engineering samples
SSOP20
ZMD
sample box or tube
as finished parts
31030AF
YYWW***
ZMD31030AAB*
dice on tested
-40°C to +125°C
die
6” wafer
unsawn wafer
ZMD31030AAC*
dice on tested
-40°C to +125°C
die
sawn 6” wafer
sawn wafer
on plastic frame
ZMD31030AAD*
dice in waffle tray
-40°C to +125°C
die
waffle tray
(100 dice / tray)
ZMD31030AAF-T*
finished parts
-40°C to +125°C
SSOP20
ZMD
tube
in tube
31030AAF
(66 parts / tube)
YYWW
ZMD31030AAF-R*
finished parts
-40°C to +125°C
SSOP20
ZMD
tape on reel
in tape on reel
31030AAF
(2000 parts / reel)
YYWW
ZMD31030KIT
evaluation kit
box with PCBs,
CD-ROM,
SSOP20 samples
*
Serial parts – available from serial production start
**
The quantity ordered should be a multiple of the quantity / packing unit as specified
*** Optional labeled with “ES” in addition
www.zmd.biz
For further
information:
© ZMD AG 2004 · Rev. 0.5 · Preliminary
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822.366
Fax +49.351.8822.337
sales@zmd.de
ZMD America, Inc.
15373 Innovation Drive, Suite 115
San Diego, CA 92128
USA
Tel +1.858.674.8070
Fax +1.858.674.8071
sales@zmda.com
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747
USA
Tel +1.631.549.2666
Fax +1.631.549.2882
sales@zmda.com
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. ZMD assumes no obligation regarding future manufacture
unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, ZMD shall not be liable to any customer, licencee or any other third
party for any damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licencee or any other third party
shall result from ZMD's rendering of technical or other services.
Application Examples
•
Detection of low-/overpressure in fuel tanks
•
MAP Sensors
•
Hydraulic reservoir pressure monitoring
for ABS and power steering
•
Engine management
•
Comfort functions
LIN (Local Interconnect Network)
• Low-cost open bus standard for electronic components in cars
• Sub-bus for CAN (Controller Area Network)
• Single master / multiple slave concept
• Single-wire data transmission with battery voltage swing
www.lin-subbus.de



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com