Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHR440. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHR440.
Description  High Efficiency LED in Ø 3 mm Tinted Diffused Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR440. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHR440. Datasheet HTML 1Page - Vishay Siliconix TLHR440. Datasheet HTML 2Page - Vishay Siliconix TLHR440. Datasheet HTML 3Page - Vishay Siliconix TLHR440. Datasheet HTML 4Page - Vishay Siliconix TLHR440. Datasheet HTML 5Page - Vishay Siliconix TLHR440. Datasheet HTML 6Page - Vishay Siliconix TLHR440. Datasheet HTML 7Page - Vishay Siliconix TLHR440. Datasheet HTML 8Page - Vishay Siliconix TLHR440. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.7, 29-Mar-2022
1
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 3 mm Tinted Diffused Package
DESCRIPTION
The
TLH.44..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 3 mm tinted diffused plastic package. The
wide viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
FEATURES
• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 30°
19220
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
TLHR4400
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS12
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS21
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-AS12Z
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4400-MS12Z
Red
1.6
13
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4401
Red
2.5
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4401-AS12Z
Red
2.5
14
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4405
Red
6.3
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHO4400
Soft orange
1.6
13
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHY4400
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4400-AS12Z
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4400-MS12
Yellow
1.6
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4401
Yellow
2.5
10.5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405-AS12
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405-MS12
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP


Similar Part No. - TLHR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR440 VISHAY-TLHR440 Datasheet
208Kb / 11P
Suitable for DC and high peak current
24-Mar-15
TLHR440 VISHAY-TLHR440 Datasheet
209Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLHR4400 VISHAY-TLHR4400 Datasheet
123Kb / 11P
High Efficiency LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHR4400 VISHAY-TLHR4400 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHR4400 VISHAY-TLHR4400 Datasheet
208Kb / 11P
Suitable for DC and high peak current
24-Mar-15
More results

Similar Description - TLHR440.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHG642 VISHAY-TLHG642 Datasheet
262Kb / 8P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com