Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHR460. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHR460.
Description  High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR460. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHR460. Datasheet HTML 1Page - Vishay Siliconix TLHR460. Datasheet HTML 2Page - Vishay Siliconix TLHR460. Datasheet HTML 3Page - Vishay Siliconix TLHR460. Datasheet HTML 4Page - Vishay Siliconix TLHR460. Datasheet HTML 5Page - Vishay Siliconix TLHR460. Datasheet HTML 6Page - Vishay Siliconix TLHR460. Datasheet HTML 7Page - Vishay Siliconix TLHR460. Datasheet HTML 8Page - Vishay Siliconix TLHR460. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLHG460., TLHR460., TLHY460.
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 15-Sep-2021
1
Document Number: 83007
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
DESCRIPTION
The TLH.46.. series was developed for applications which
need a very wide radiation angle like backlighting, general
indicating and lighting purposes.
It is housed in a 3 mm tinted total diffused plastic package.
The wide viewing angle of these devices provides a high
on-off contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
FEATURES
• Choice of three bright colors
• Standard Ø 3 (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Very wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 60°
Note
(1) Not for new designs
19220
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
TLHR4600
Red
1
4
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4605
Red
2.5
6
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4605-MS12Z
Red
2.5
6
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHY4600
Yellow
0.63
3.5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4601 (1)
Yellow
1
4
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4605
Yellow
2.5
5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4605-MS12Z
Yellow
2.5
5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG4600
Green
1
4
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4605
Green
4
6
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4605-AS12Z (1)
Green
4
6
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4605-MS21Z
Green
4
6
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHR460.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR460 VISHAY-TLHR460 Datasheet
182Kb / 9P
Choice of three bright colors
14-Oct-15
TLHR460 VISHAY-TLHR460 Datasheet
186Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLHR4600 VISHAY-TLHR4600 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHR4600 VISHAY-TLHR4600 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHR4600 VISHAY-TLHR4600 Datasheet
182Kb / 9P
Choice of three bright colors
14-Oct-15
More results

Similar Description - TLHR460.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR46 VISHAY-TLHR46 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHG460 VISHAY-TLHG460_V01 Datasheet
186Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLHG640 VISHAY-TLHG640_V01 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
High Efficiency LED in Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com