Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLLR540. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLLR540.
Description  Low Current LED in Ø 5 mm Tinted Diffused Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR540. Datasheet(HTML) 4 Page - Vishay Siliconix

  TLLR540. Datasheet HTML 1Page - Vishay Siliconix TLLR540. Datasheet HTML 2Page - Vishay Siliconix TLLR540. Datasheet HTML 3Page - Vishay Siliconix TLLR540. Datasheet HTML 4Page - Vishay Siliconix TLLR540. Datasheet HTML 5Page - Vishay Siliconix TLLR540. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLLR540., TLLG540.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 10-May-2022
4
Document Number: 83030
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Relative Intensity vs. Wavelength
Fig. 9 - Forward Current vs. Forward Voltage
Fig. 10 - Relative Luminous Intensity vs. Forward Current
Fig. 11 - Relative Luminous Intensity vs.
Forward Current / Duty Cycle
Fig. 12 - Relative Luminous Intensity vs. Ambient Temperature
0
95 10051
20
40
60
80
100
IF = 2 mA
0
0.4
0.8
1.2
1.6
2.0
Tamb - Ambient Temperature (°C)
red
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ - Wavelength (nm)
1.0
green
02
0.1
1
10
100
4
green
tp/T = 0.001
tp= 10 µs
13
5
0.1
1
10
0.01
0.1
1
10
100
100
95 10059
IF - Forward Current (mA)
green
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11591
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
green
0
0
0.4
0.8
1.2
1.6
95 10057
20
40
60
80
100
Tamb - Ambient Temperature (°C)
green
IF = 2 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com