Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS110. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMS110.
Description  Standard 0603 SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS110. Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMS110. Datasheet HTML 1Page - Vishay Siliconix TLMS110. Datasheet HTML 2Page - Vishay Siliconix TLMS110. Datasheet HTML 3Page - Vishay Siliconix TLMS110. Datasheet HTML 4Page - Vishay Siliconix TLMS110. Datasheet HTML 5Page - Vishay Siliconix TLMS110. Datasheet HTML 6Page - Vishay Siliconix TLMS110. Datasheet HTML 7Page - Vishay Siliconix TLMS110. Datasheet HTML 8Page - Vishay Siliconix TLMS110. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLMS110., TLMO1100, TLMY1100, TLMG1100, TLMP1100
www.vishay.com
Vishay Semiconductors
Rev. 3.4, 06-Oct-2022
4
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Note
• One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage.
Only one single classification groups is not available.
The given groups are not order codes, customer specific group combinations require marketing agreement.
No color subgrouping for super red
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
PURE GREEN
GREEN
YELLOW
ORANGE
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
1
551
554
564
566
-
-
-
-
2
554
557
566
569
580
583
600
603
3
557
560
569
572
583
586
603
606
4
560
563
572
575
586
589
606
609
5
563
566
-
-
589
592
609
612
6
-
-
-
-
592
595
-
-
GROUP NAME ON LABEL
LUMINOUS INTENSITY GROUP
HALFGROUP
WAVELENGTH
Qb
4
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
19108
Axis Title
1st line
2nd line
0°
20°
10°
1.0
0.8
0.9
30°
80°
70°
60°
50°
40°
0.6
0.4
0.2
0
θ
0°
θ
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com