Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB41.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMB41..
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB41.. Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMB41.. Datasheet HTML 1Page - Vishay Siliconix VLMB41.. Datasheet HTML 2Page - Vishay Siliconix VLMB41.. Datasheet HTML 3Page - Vishay Siliconix VLMB41.. Datasheet HTML 4Page - Vishay Siliconix VLMB41.. Datasheet HTML 5Page - Vishay Siliconix VLMB41.. Datasheet HTML 6Page - Vishay Siliconix VLMB41.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLMB41..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 05-Jul-2022
3
Document Number: 81641
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Dominant Wavelength vs. Forward Current
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 7 - Forward Voltage vs. Ambient Temperature
20518
I
F - Forward Current (mA)
100
10
1
1.010
1.005
1.000
0.995
0.990
V
F - Forward Voltage (V)
20519
4.5
4.0
3.5
3.0
2.5
100
10
1
IF - Forward Current (mA)
20520
100
10
1
10
1
0.1
0.50
0.75
1.00
1.25
1.50
20221
T
amb - Ambient Temperature (°C)
010
20
30
40
50
60 70
80 90
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
20114
T
amb - Ambient Temperature (°C)
010 20 30 40
50 60 70 80 90 100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com