Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM-S3E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STM-S3E
Description  Stratum 3E Timing Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STM-S3E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STM-S3E Datasheet HTML 3Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 4Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 5Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 6Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 7Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 8Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 9Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 10Page - List of Unclassifed Manufacturers STM-S3E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Data Sheet #: TM012
Page 7 of 16
Rev: P06
Date: 05/20/ 02
© Copyright 2002 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
CNTLA
CNTLB
RESET
REF #1
REF #2
Free Run
Hold Over
PBO
Fast Acquire
Mode Alarm
OCXO
TCXO
DDS
DSP
1/N
Status 1
Status 2
RFL
LOR
Sync_Out
8 kHz Output
Clk_Out
PBO
Hold Over Good
Voltage
Regulation
Functional Block Diagram
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com