Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMF23.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMF23..
Description  Power Mini SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMF23.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMF23.. Datasheet HTML 1Page - Vishay Siliconix VLMF23.. Datasheet HTML 2Page - Vishay Siliconix VLMF23.. Datasheet HTML 3Page - Vishay Siliconix VLMF23.. Datasheet HTML 4Page - Vishay Siliconix VLMF23.. Datasheet HTML 5Page - Vishay Siliconix VLMF23.. Datasheet HTML 6Page - Vishay Siliconix VLMF23.. Datasheet HTML 7Page - Vishay Siliconix VLMF23.. Datasheet HTML 8Page - Vishay Siliconix VLMF23.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VLMK23.., VLMF23.., VLME23..
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 21-Jul-2022
1
Document Number: 81681
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Mini SMD LED
DESCRIPTION
The new MiniLED series has been designed in a small white
SMT package. The feature of the device is the very small
package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an
obvious solution for small-scale, high-power products that
are expected to work reliability in an arduous environment.
This is often the case in automotive and industrial
application.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packing
unit
IVmax./IVmin.
≤ 1.6
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards, and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
19226
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMK23P2R1-GS08
Red
56
120
140
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMK23P2S1-GS08
Red
56
125
224
20
-
630
-
20
-
1.9
2.6
20
AlInGaP on GaAs
VLMF23Q2S1-GS08
Soft orange
90
180
224
20
598
605
611
20
-
2
2.6
20
AlInGaP on GaAs
VLME23Q2T1-GS08
Yellow
90
170
355
20
581
588
594
20
-
2
2.6
20
AlInGaP on GaAs


Similar Part No. - VLMF23..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMF23 VISHAY-VLMF23 Datasheet
324Kb / 12P
Power Mini SMD LED
23-Sep-2021
logo
HK TO-GRACE TECHNOLOGY ...
VLMF2300 TO-GRACE-VLMF2300 Datasheet
1Mb / 12P
Power Mini SMD LED
logo
Vishay Siliconix
VLMF2300 VISHAY-VLMF2300 Datasheet
322Kb / 12P
Power Mini SMD LED
20-Sep-2021
VLMF2300 VISHAY-VLMF2300 Datasheet
344Kb / 10P
Power Mini SMD LED
12-Sep-2022
VLMF2300-GS08 VISHAY-VLMF2300-GS08 Datasheet
317Kb / 12P
Power Mini SMD LED
28-Nov-14
More results

Similar Description - VLMF23..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS233T1V1-GS08 VISHAY-VLMS233T1V1-GS08 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLMS233 VISHAY-VLMS233 Datasheet
1Mb / 9P
Power Mini SMD LED
30-Apr-13
VLME23 VISHAY-VLME23 Datasheet
325Kb / 12P
Power Mini SMD LED
29-Jan-16
logo
HK TO-GRACE TECHNOLOGY ...
VLMS233T1V1-GS08 TO-GRACE-VLMS233T1V1-GS08 Datasheet
781Kb / 9P
Power Mini SMD LED
VLMS234V2BA-GS08 TO-GRACE-VLMS234V2BA-GS08 Datasheet
737Kb / 8P
Power Mini SMD LED
VLMS235S2U1-GS08 TO-GRACE-VLMS235S2U1-GS08 Datasheet
792Kb / 9P
Power Mini SMD LED
VLMP232M2N2 TO-GRACE-VLMP232M2N2 Datasheet
1Mb / 8P
Power Mini SMD LED
logo
Vishay Siliconix
VLMX234 VISHAY-VLMX234 Datasheet
260Kb / 8P
Power Mini SMD LED
07-Mar-17
VLMX233 VISHAY-VLMX233 Datasheet
265Kb / 9P
Power Mini SMD LED
27-Jul-17
VLMF2300 VISHAY-VLMF2300_V02 Datasheet
344Kb / 10P
Power Mini SMD LED
12-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com