Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLME31.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLME31..
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLME31.. Datasheet(HTML) 4 Page - Vishay Siliconix

  VLME31.. Datasheet HTML 1Page - Vishay Siliconix VLME31.. Datasheet HTML 2Page - Vishay Siliconix VLME31.. Datasheet HTML 3Page - Vishay Siliconix VLME31.. Datasheet HTML 4Page - Vishay Siliconix VLME31.. Datasheet HTML 5Page - Vishay Siliconix VLME31.. Datasheet HTML 6Page - Vishay Siliconix VLME31.. Datasheet HTML 7Page - Vishay Siliconix VLME31.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLME31..
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 12-Apr-2022
4
Document Number: 81324
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Forward Voltage vs. Ambient Temperature
Fig. 9 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1020 3040 5060 70 80 90 100
Tamb - Ambient Temperature (°C)
95 10880
I
F = 20 mA
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
0
1020 3040 5060 7080 90 100
Tamb - Ambient Temperature (°C)
17502
I
F = 20 mA
yellow
0.0
0.4
0.8
1.2
1.6
2.0
110
96 11589
tp/T
IF (mA)
50
520
2
0.5
0.2
0.1 0.05
0.02
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com