Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMG31.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLMG31..
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMG31.. Datasheet(HTML) 1 Page - Vishay Siliconix

  VLMG31.. Datasheet HTML 1Page - Vishay Siliconix VLMG31.. Datasheet HTML 2Page - Vishay Siliconix VLMG31.. Datasheet HTML 3Page - Vishay Siliconix VLMG31.. Datasheet HTML 4Page - Vishay Siliconix VLMG31.. Datasheet HTML 5Page - Vishay Siliconix VLMG31.. Datasheet HTML 6Page - Vishay Siliconix VLMG31.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMG31..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 02-Feb-2022
1
Document Number: 81323
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
These devices have been designed to meet the increasing
demand for surface mounting technology.
The package of the VLMG31-series is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• EIA and ICE standard package
• Available in 8 mm tape
• Low power consumption
• Low profile package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Compatible with automatic placement equipment
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
948553
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP. MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLMG31K1L2-GS08
Green
7.1
15
18
10
562
572
575
10
-
2.1
2.8
20
GaP on GaP
VLMG31K1L2-GS18
Green
7.1
15
18
10
562
572
575
10
-
2.1
2.8
20
GaP on GaP
VLMG31K1M2-GS08
Green
7.1
15
28
10
562
572
575
10
-
2.1
2.8
20
GaP on GaP
VLMG31L1M2-GS08
Green
11.2
16
28
10
562
572
575
10
-
2.1
2.8
20
GaP on GaP
VLMG31L1M2-GS18
Green
11.2
16
28
10
562
572
575
10
-
2.1
2.8
20
GaP on GaP


Similar Part No. - VLMG31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMG31 VISHAY-VLMG31 Datasheet
174Kb / 7P
Standard SMD LED PLCC-2
03-Nov-15
VLMG31 VISHAY-VLMG31 Datasheet
173Kb / 7P
Standard SMD LED PLCC-2
03-Nov-15
VLMG310 VISHAY-VLMG310 Datasheet
211Kb / 13P
Standard SMD LED PLCC-2
04-Nov-15
VLMG310 VISHAY-VLMG310 Datasheet
221Kb / 13P
Standard SMD LED PLCC-2
08-Jul-2019
VLMG310 VISHAY-VLMG310 Datasheet
303Kb / 12P
Standard SMD LED PLCC-2
16-Feb-2022
More results

Similar Description - VLMG31..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com