Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CR-SCSL Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # H7CR-SCSL
Description  Digital Counter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-SCSL Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button H7CR-SCSL Datasheet HTML 17Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 18Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 19Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 20Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 21Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 22Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 23Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 24Page - Omron Electronics LLC H7CR-SCSL Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
H7CR
H7CR
Item
Applicable Counters
Description
Setting values
Input mode
H7CR-A, H7CR-SA
Determines the input mode:
Increment keys 1 to 6 change the display.
(default)
H7CR-B, H7CR-SB
Up, Down, Reversible A, Reversible B,
H7CR-C, H7CR-SC
Reversible C
H7CR-8, H7CR-11
Press the Up key until the desired
mode is displayed.
*There is no Up or Down mode for H7CR-C
and H7CR-SC (+/– range) counters.
Output mode
H7CR-A, H7CR-SA
Determines the operation of the
Increment keys 1 to 6 change output mode.
and OUT 2
H7CR-B, H7CR-SB
control outputs. Refer to "Output
output time
H7CR-C, H7CR-SC
Operations" tables for details. Also
H7CR-8, H7CR-11
determines the output time for control
output (OUT2) in single preset
counters.
OUT 1
H7CR-B, H7CR-SB
Designates the output time for
Increment keys 1 to 6 change output time.
output time
H7CR-C, H7CR-SC
output 1 (double preset models only).
(double preset models only)
Press the increment keys to set the
desired time for output 1.
*Hold mode is available only on H7CR-BW
and H7CR-SBW counters.
(Applicable to output modes C, R, K, P, Q,
and A only.)
Counting speed
H7CR-A, H7CR-SA
Changes the input filter for counting
Increment keys 1 to 6 change count speed.
H7CR-B, H7CR-SB
inputs. Used to prevent counting
H7CR-C, H7CR-SC
errors caused by input interference.
H7CR-8, H7CR-11
Press the increment keys to set the
desired speed. A "k" on the display
indicates kilocycles (1000 cycles).
Minimum reset
H7CR-B, H7CR-SB
Determines the minimum time
Increment keys 1 to 6 change reset time.
times
H7CR-C, H7CR-SC
required for the reset input.
H7CR-8, H7CR-11
Press any increment key to switch
between 1 and 20 ms.
Item
Applicable Counters
Description
Setting values
Preset 1, H7CR-B, H7CR-SB
Determine the timing of the outputs in comparison to
Sequence when changing a digit
Preset 2 H7CR-C, H7CR-SC
the present count value according to the output mode.
using the increment keys (1 to 6).
set value
The DISPLAY key switches between set value 1 and 2 in
double preset models. Use the increment keys (1 to 6)
to change a digit.
Minus sign displayed for leftmost
digit of H7CR-C and H7CR-SC
(+/– range counters) by using
increment key 6.
s SUMMARY OF SETTING PROCEDURES
Run Mode
Settings and operation are easily achieved as shown below. The settings that are possible for each model vary. After changing modes,
the counter is ready to accept setting changes to default items.
Setting Mode
Up
Down Reversible A Reversible B Reversible C
Note: Settings changed in the Setting mode are effective only after returning to the Run mode.
1 ms
20 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com