Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSIC-101 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC-101
Description  Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-101 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-101 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG TSIC-101 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSic™-101
Temperature Sensor IC
Specification
Features
•
Analog 0-1 Volt signal output
•
Accuracy: ±0.5
oC at room temperature
±1.0
oC over span of 40°C
•
Resolution: 0.1
oC
•
Wide range measurement:
–50
o to +150oC
•
Signal
update
every
0.1
second
(other update frequencies on request)
•
Supply Voltage V+ = 3.0V to 5.5V, high
accuracy operation in range V+ = 4.5V to
5.5V
•
Precision temperature sensor at low cost
•
Package: 8-pin SOIC or 3-pin e-line
•
Low quiescent current of less than 80
µA at
25°C and 3.3V to minimize self-heating and
power consumption
•
System-on-a-chip
based
on
advanced
mixed signal technology incorporating:
precision temperature sensing bandgap
reference with PTAT output
digital signal processor (DSP) core
electrically erasable (EE) memory
digital serial interface using single wire for
signal output
Package Information
•
TSic
TM 101 SOP8: 150mil, Standard SMT
Package, SOIC, Based on IEC 191-2Q:
Type 076E35 B
Pin
No.
Name
Description
1
V+
supply voltage
(3.0-5.5V)
2
Signal
Temperature
output signal
4
Gnd
Ground
3,
5-8
TP/NC
Test Pin / NC
Do not connect
•
Other packages on customer’s demand:
TSic
TM 101 e-line: 3 Pin THT package
Description TSic
TM Series
The TSic
TM series of temperature sensor ICs
were specifically designed as a high-perform-
ance, cost-effective solution for temperature
sensing in building automation, automotive, in-
dustrial, office automation, white goods and low
power / mobile applications.
The TSic
TM employs high precision bandgap ref-
erence with proportional-to-absolute-tempera-
ture (PTAT) output; low-power precision ADC;
and on-chip DSP core with electrically erasable
(EE) memory to precisely calibrate the output
temperature signal.
TSic
TM series of temperature sensor ICs offers
devices with two linear analog signal output op-
tions such as standard 0~1Vout signal (V+ = 3.0V
to
5.5V)
or
ratiometric
(10~90%
V+
i.e.
0.5~4.5Vout @ V+=5V) or the digital serial output
signal
to
interface
with
µP controllers.
Output Example of TSic
TM devices
Temperature Measurement Range
-50°C to 150°C or -58°F to302°F
(wide range device)
TSic-101
TSic-103
TSic-106
Temp
(
oC)
Temp
(
oF)
Analog
0~1V
Analog
ratiometric
10~90%
Digital
-50
1
-58
0.000
10% of V+
0x000
-10
14
0.200
26% of V+
0x199
0
32
0.250
30% of V+
0x200
25
77
0.375
40% of V+
0x2FF
60
140
0.550
54% of V+
0x465
125
257
0.875
80% of V+
0x6FE
150
2
302
1.000
90% of V+
0x7FF
1 LT = -50, 2 HT = 150 as default values for
the temperature calculation set points.
Formula for Temperature Signal [°C]:
•
Analog output 0-1V:
T = (Sig[Volt]*(HT-LT)+LT) [°C]
•
Ratiometric 10%-90% output:
T = ((Sig[V]/VDD[V])-0.1)/0.8 *(HT-LT)+LT
•
Digital output:
T= (Digital_signal/2047*(HT-LT)+LT) [°C]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com