Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162240DL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT162240DL
Description  16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162240DL Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT162240DL Datasheet HTML 1Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT162240DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162240
2.5V/3.3V 16-bit inverting buffer/driver with
30
Ω termination resistors (3-State)
1998 Feb 13
3
LOGIC SYMBOL (IEEE/IEC)
48
EN1
1
∇
46
44
43
41
40
38
37
36
EN2
EN3
EN4
1
2
∇
1
3
∇
1
4
∇
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
2OE
3OE
4OE
1A1
1A2
1A3
1A4
2A1
2A2
2A3
3A1
3A2
3A3
3A4
4A1
4A2
4A3
4A4
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
3Y1
3Y2
3Y3
3Y4
4Y1
4Y4
2A4
4Y2
4Y3
SW00231
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
27
Ω
27
Ω
SW00007
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SW00006
FUNCTION TABLE
INPUTS
OUTPUTS
nOE
nAx
nYx
L
L
H
L
H
L
H
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IO
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
–64
mA
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com