Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162245 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT162245
Description  2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162245 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT162245 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162245
2.5V/3.3V 16-bit transceiver
with 30
Ω termination resistors (3-State)
2
1998 Feb 13
853-1827 18959
FEATURES
• 16-bit bidirectional bus interface
• 3-State buffers
• 5V I/O compatibile
• Output capability: +12mA/-12mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Outputs include series resistance of 30Ω making external
termination resistors unnecessary
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT162245 is a high-performance BiCMOS product
designed for VCC operation at 2.5V or 3.3V with I/O compatibility up
to 5V.
This device is a 16-bit transceiver featuring non-inverting 3-State
bus compatible outputs in both send and receive directions. The
control function implementation minimizes external timing
requirements. The device features an Output Enable (nOE) input for
easy cascading and a Direction (DIR) input for direction control.
The 74ALVT162245 is designed with 30
Ω series resistance in both
the High and Low states of the output. This design reduces line
noise in applications such as memory address drivers, clock drivers,
and bus transceivers/transmitters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
2.9
2.4
2.3
2.0
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
CI/O
I/O pin capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT162245 DL
AV162245 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT162245 DGG
AV162245 DGG
SOT362-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 24
nDIR
Direction control input
47, 46, 44, 43,
41, 40, 38, 37,
36, 35, 33, 32,
30, 29, 27, 26
nA0 – nA7
Data inputs/outputs (A side)
2, 3, 5, 6, 8, 9,
11, 12, 13, 14,
16, 17, 19, 20,
22, 23
nB0 – nB7
Data inputs/outputs (B side)
25, 48
nOE
Output enable input
(active-Low)
4, 10, 15, 21, 28,
34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
LOGIC SYMBOL
2DIR
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
2OE
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
25
1DIR
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
1OE
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
48
SA00021



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com