Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162344 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT162344
Description  2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162344 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT162344 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162344 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162344
2.5V/3.3V 1-to-4 address driver with 30
Ω
termination resistors (3-State)
2
1998 Jun 30
853-2089 19651
FEATURES
• Multiple V
CC and GND pins minimize switching noise
• 5V I/O Compatible
• Live insertion/extraction permitted
• 3-State output buffers
• Power-up 3-State
• Output capability: +12mA/-12mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Outputs include series resistance of 30Ω making external
termination resistors unnecessary
DESCRIPTION
The 74ALVT162344 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O
compatibility to 5V.
The 74ALVT162344 is a 1-to-4 address driver used in applications
where four separate memory locations must be addressed by a
single address.
The 74ALVT162344 is designed with 30
Ω series resistance in both
the pull-up and pull-down output structures. This design reduces line
noise in applications such as memory address drivers, clock drivers,
and bus receivers/transmitters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
3.6
2.3
2.8
2.1
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
COut
Output capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT162344 DL
AV162344 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT162344 DGG
AV162344 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
8, 14, 15, 21, 36, 42, 43, 49
nA
Data inputs
2, 3, 5, 6, 9, 10, 12, 13, 16, 17, 19, 20, 23,
24, 26, 27, 30,31, 33, 34, 37, 38, 40, 44, 45,
47, 48, 51, 52, 54, 55,
nYX
Data outputs
1, 28, 29, 56
OE
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com